Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 4 Page - Elma Electronic Ltd

  SC5-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor
Feature Summary
Performance Rating
<
tbd
Graphics
<
Integrated graphics engine, 3 symmetric independent displays
<
3D HW acceleration DirectX12, OpenCL 2.x, OpenGL 4.3/4.4, ES 2.0
<
HW video decode/encode HEVC10b 10-bit, VP9 10-bit, JPEG
<
HDR (High Dynamic Range) Rec. 2020 Wide Color Gamut
<
Content protection
<
UHD premium content playback
<
Front panel options: Dual DisplayPort (DP) connectors
<
3rd DisplayPort optional via Type-C connector on low profile mezzanine card
<
Max resolution 4096 x 2304 @60Hz (any DisplayPort, concurrent operation)
<
DisplayPort™ 1.2 Multi-Stream Transport (MST) - display daisy chaining
<
MST max resolution via single DP connector 2880x1800@60Hz (2 displays), 2304x1440@60Hz (3 displays)
<
Integrated audio (3 independent audio streams)
Networking
<
Up to 10 networking interfaces in total - 2 x front RJ45 GbE, option 8 x backplane or 4 x M12-X front
<
1000BASE-T, 100BASE-TX, 10BASE-T connections
<
Front port 1 - I219LM with Intel® AMT support
<
Front port 2 - Intel® I210-IT -40°C to +85°C operating temperature GbE NIC w. integrated PHY
<
IPv4/IPv6 checksum offload, 9.5KB Jumbo Frame support, EEE Energy Efficient Ethernet
<
IEEE 802.1Qav Audio-Video-Bridging (AVB) enhancements for time-sensivitive streams
<
IEEE 1588 and 802.1AS packets hardware-based time stamping for high-precision time synchronization
<
Backplane Gigabit Ethernet option w. S80-P6 mezzanine module - Marvell Peridot switch
<
Backplane Gigabit Ethernet option w. S82-P6 mezzanine module - 4 x Intel® I210-IT NIC
<
Option front panel M12 X-coded GbE ports with SCL-RHYTHM side card (8HP front panel width)
Chipset
<
Intel® CM238 Mobile Workstation Platform Controller Hub (PCH)
<
PCIe Gen3 8GT/s
<
SATA 6G
<
USB3
<
GbE
<
LPC, Audio, Legacy
© EKF
-4-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com