Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 20 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 20 Page - Elma Electronic Ltd

Back Button SC5-FESTIVAL Datasheet HTML 15Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 16Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 17Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 18Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 19Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 20Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 21Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 22Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 23Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor
GbE
HD
RB
2
PG
GP
1
DP
2
DP
1
USB
SC5-
FESTIVAL
OT
DP
2
DP
1
SC5-
FESTIVAL
w. S40
USB
USB
DP3
N
GbE
HD
RB
2
PG
GP
1
USB
OT
DP
2
DP
1
1 2
SC5-
FESTIVAL
w. S80
3 4
5 6
7 8
BPE
9 N
GbE
HD
RB
2
PG
GP
1
USB
OT
DP
2
DP
1
SC5-
FESTIVAL
w. S20
USB
N
GbE
HD
RB
2
PG
GP
1
USB
OT
Front Panel Options
© EKF
-20-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com