Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 30 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 26Page - Texas Instruments DAC8563 Datasheet HTML 27Page - Texas Instruments DAC8563 Datasheet HTML 28Page - Texas Instruments DAC8563 Datasheet HTML 29Page - Texas Instruments DAC8563 Datasheet HTML 30Page - Texas Instruments DAC8563 Datasheet HTML 31Page - Texas Instruments DAC8563 Datasheet HTML 32Page - Texas Instruments DAC8563 Datasheet HTML 33Page - Texas Instruments DAC8563 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
V
/V
REFIN
REFOUT
R
1
Q
2
Q
1
R
2
Reference
Enable
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
8.3.2 Internal Reference
The DAC756x, DAC816x, and DAC856x devices include a 2.5-V internal reference that is disabled by default.
The internal reference is externally available at the VREFIN/VREFOUT pin. The internal reference output voltage is
2.5 V and can sink and source up to 20 mA.
A minimum 150-nF capacitor is recommended between the reference output and GND for noise filtering.
The internal reference of the DAC756x, DAC816x, and DAC856x devices is a bipolar transistor-based precision
band-gap voltage reference. Figure 90 shows the basic band-gap topology. Transistors Q1 and Q2 are biased
such that the current density of Q1 is greater than that of Q2. The difference of the two base-emitter voltages
(VBE1 – VBE2) has a positive temperature coefficient and is forced across resistor R1. This voltage is amplified and
added to the base-emitter voltage of Q2, which has a negative temperature coefficient. The resulting output
voltage is virtually independent of temperature. The short-circuit current is limited by design to approximately
100 mA.
Figure 90. Band-Gap Reference Simplified Schematic
8.3.3 Power-On Reset
8.3.3.1 Power-On Reset to Zero-Scale
The DAC7562, DAC8162, and DAC8562 devices contain a power-on-reset circuit that controls the output voltage
during power up. All device registers are reset as shown in Table 4. At power up, all DAC registers are filled with
zeros and the output voltages of all DAC channels are set to zero volts. Each DAC channel remains that way
until a valid load command is written to it. The power-on reset is useful in applications where it is important to
know the state of the output of each DAC while the device is in the process of powering up. No device pin should
be brought high before applying power to the device. The internal reference is disabled by default and remains
that way until a valid reference-change command is executed.
8.3.3.2 Power-On Reset to Mid-Scale
The DAC7563, DAC8163, and DAC8563 devices contain a power-on reset circuit that controls the output voltage
during power up. At power up, all DAC registers are reset to mid-scale code and the output voltages of all DAC
channels are set to VREFIN / 2 volts. Each DAC channel remains that way until a valid load command is written to
it. The power-on reset is useful in applications where it is important to know the state of the output of each DAC
while the device is in the process of powering up. No device pin should be brought high before applying power to
the device. The internal reference is powered off or down by default and remains that way until a valid reference-
change command is executed. If using an external reference, it is acceptable to power on the VREFIN pin either at
the same time as or after applying AVDD.
30
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com