Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 32 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 28Page - Texas Instruments DAC8563 Datasheet HTML 29Page - Texas Instruments DAC8563 Datasheet HTML 30Page - Texas Instruments DAC8563 Datasheet HTML 31Page - Texas Instruments DAC8563 Datasheet HTML 32Page - Texas Instruments DAC8563 Datasheet HTML 33Page - Texas Instruments DAC8563 Datasheet HTML 34Page - Texas Instruments DAC8563 Datasheet HTML 35Page - Texas Instruments DAC8563 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
V
X
OUT
Amplifier
Power-Down
Circuitry
Resistor
Network
Resistor
String
DAC
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
8.4 Device Functional Modes
8.4.1 Power-Down Modes
The DAC756x, DAC816x, and DAC856x devices have two separate sets of power-down commands. One set is
for the DAC channels and the other set is for the internal reference. The internal reference is forced to a
powered-down state while both DAC channels are powered down, and is only enabled if any DAC channel is
also in the normal mode of operation. For more information on the internal reference control, see the Internal
Reference Enable Register section.
8.4.1.1 DAC Power-Down Commands
The DAC756x, DAC816x, and DAC856x DACs use four modes of operation. These modes are accessed by
setting the serial interface command bits to 100. Once the command bits are set correctly, the four different
power-down modes are software programmable by setting bits DB5 and DB4 in the shift register. Table 5 and
Table 6 show the different power-down options. For more information on how to set the DAC operating mode see
Table 17.
Table 5. DAC-n Operating Modes
DB5
DB4
DAC Modes of Operation
0
0
Selected DACs power up (normal mode, default)
0
1
Selected DACs power down, output 1 k
Ω to GND
1
0
Selected DACs power down, output 100 k
Ω to GND
1
1
Selected DACs power down, output Hi-Z to GND
Table 6. DAC-n Selection for Operating Modes
DAC-B (DB1), DAC-A (DB0)
Operating Mode
0
DAC-n does not change operating mode
1
DAC-n operating mode set to value on PD1 and PD0
It is possible to write to the DAC register or buffer of the DAC channel that is powered down. When the DAC
channel is then powered up, it powers up to this new value.
The advantage of the available power-down modes is that the output impedance of the device is known while it is
in power-down mode. As described in Table 5, there are three different power-down options. VOUT can be
connected internally to GND through a 1-k
Ω resistor, a 100-kΩ resistor, or open-circuited (Hi-Z). The DAC
power-down circuitry is shown in Figure 92.
Figure 92. Output Stage
32
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com