Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 42 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 38Page - Texas Instruments DAC8563 Datasheet HTML 39Page - Texas Instruments DAC8563 Datasheet HTML 40Page - Texas Instruments DAC8563 Datasheet HTML 41Page - Texas Instruments DAC8563 Datasheet HTML 42Page - Texas Instruments DAC8563 Datasheet HTML 43Page - Texas Instruments DAC8563 Datasheet HTML 44Page - Texas Instruments DAC8563 Datasheet HTML 45Page - Texas Instruments DAC8563 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
IA
IA
IA
10
V
R
I
´
=
IMON
IMON
DRV
10
V
R
I
´
=
OUT_MAX
SET
G
DAC
REF
2 V
R
2 10 V 1020
R
8292
V
V
4.96 V
2.5 V
´
´
´
´
=
=
=
-
-
DAC
REF
SET
OUT
V
V
4.96 V
2.5 V
R
10
10
1025
I
0.024 A
æ
ö
-
-
æ
ö
=
´ ç
÷ =
´
=
ç
÷
ç
÷
è
ø
è
ø
DAC
REF
OUT
SET
V
V
I
10
R
æ
ö
-
=
´ ç
÷
ç
÷
è
ø
G
DAC
REF
OUT
SET
R
V
V
V
2
R
æ
ö
-
=
´ ç
÷
ç
÷
è
ø
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
Typical Applications (continued)
(5)
When configured for current mode, the XTR300 routes the internal output of its current copy circuitry to the SET
pin. This provides feedback for the internal OPA driver based on 1 / 10th of the output current, resulting in a
voltage-to-current transfer function. Generating bipolar current outputs from the single-ended DAC output
voltage, VDAC, requires the application of an offset to the XTR300 SET pin. Connect the RSET resistor from the
SET pin to VREF to apply the offset and obtain the transfer function shown in Equation 6.
(6)
The desired output ranges for VDAC and VREF voltages determine the RSET and RG resistor values, calculated
using Equation 7 and Equation 8. The system design requires a VDAC voltage range of 0.04 V to 4.96 V in order
to operate the DAC8563 in the specified linear output range from codes 512 to 65 024.
(7)
(8)
IMON and IAOUT accomplish load monitoring. The sizing of RIMON and RIA determine the monitoring output voltage
across the resistors. Size the resistors according to Equation 9 and Equation 10 and the expected output load
current IDRV.
(9)
(10)
For more detailed information about the design procedure of this circuit and how to isolate it, see Two-Channel
Source/Sink Combined Voltage & Current Output, Isolated, EMC/EMI Tested Reference Design (TIDU434).
42
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com