Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 41 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 37Page - Texas Instruments DAC8563 Datasheet HTML 38Page - Texas Instruments DAC8563 Datasheet HTML 39Page - Texas Instruments DAC8563 Datasheet HTML 40Page - Texas Instruments DAC8563 Datasheet HTML 41Page - Texas Instruments DAC8563 Datasheet HTML 42Page - Texas Instruments DAC8563 Datasheet HTML 43Page - Texas Instruments DAC8563 Datasheet HTML 44Page - Texas Instruments DAC8563 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
0 V to 5 V, 0 V to 10 V, –5 to 5 V,
–10 V to 10 V, –24 mA to 24 mA,
0 mA to 24 mA, 4mA to 20 mA
AV
DD
GND
DAC8563
V
/
REFIN
V
REFOUT
V
A
OUT
V
B
OUT
0.1 µF
4.7 F
µ
V
REF
V
REF
Current
Copy
I
MON
V
IN
I
DRV
IA
IN+
V+
XTR300
DGND
V–
I
COPY
I
IA
RG1
R
G
IA
IN–
OPA
IA
+
RG2
DRV
IA
OUT
SET
15 V
0.1 F
µ
–15 V
0.1 F
µ
V or I OUTA
GND
R
SET
R
IMON
R
IA
0.022 F
µ
C
COMP
CH2
R
IN
5.5 V
LDAC
SCLK
D
IN
SYNC
VDAC
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
9.2 Typical Applications
9.2.1 Combined Voltage and Current Analog Output Module Using the XTR300
The design features two independent outputs that can source and sink voltage and current over the standard
industrial output ranges. The possible outputs of the design include: –24 mA to 24 mA, 4 mA–20 mA, 0 mA to 24
mA, 0 V to 5 V, 0 V to 10 V, –5 V to5 V, and –10 V to 10 V.
Figure 96. DAC8563 and XTR300 Discrete Analog Output Module
9.2.1.1 Design Requirements
The design uses a DAC and a current-or-voltage output driver to create a discrete analog output design that can
output either voltage or current from the same pin while focusing on high-accuracy specifications. The choice of
the DAC8563 device takes advantage of its 16-bit resolution as well as its low typical offset error of 1 mV and
gain error of 0.01% FSR. The choice of the XTR300 device is based on its strong dc performance, having a
typical error of 400 µV and 0.04% FSR gain error. The XTR300 device allows a variety of both current and
voltage outputs on the same pin while providing load monitoring and error status pins.
The power-on reset-to-midscale feature of the DAC8563 makes the bipolar output of the XTR300 power up at 0
V or 0 A. If using a unipolar output, the recommended device to achieve a system power-on output of 0 V, 0 A or
4 mA is the DAC8562 device.
A recommendation for minimizing the introduction of errors into the system is to use ±0.01% tolerance RG and
RSET resistors. The bypass capacitors on AVDD, VREF, V+ and V– should have values between 100 nF and
10 µF. Smaller capacitors filter fast low-energy transients, whereas the large capacitors filter the slow high-
energy transients. If there is an expectation of both types of signals in the system, the recommendation is to use
a pair of small and large values as shown on the AVDD pin of the DAC8563 device in Figure 96.
9.2.1.2 Detailed Design Procedure
When configured for voltage mode, the output of the instrumentation amplifier (IA), internal to the XTR300
device, is routed to the SET pin. The SET output provides feedback for the IA based on the IA input voltage. The
feedback from the IA provides high-impedance remote sensing of the voltage at the output load. Using the output
voltage can overcome errors from PCB traces and protection component impedances. The DAC provides a
unipolar input voltage to the VIN pin of the XTR300 device. The XTR300 device offsets the VDAC range by a
negative VREF and amplifies the difference by a value set by the RG and RSET resistors, as shown in Equation 5.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com