Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 37 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 33Page - Texas Instruments DAC8563 Datasheet HTML 34Page - Texas Instruments DAC8563 Datasheet HTML 35Page - Texas Instruments DAC8563 Datasheet HTML 36Page - Texas Instruments DAC8563 Datasheet HTML 37Page - Texas Instruments DAC8563 Datasheet HTML 38Page - Texas Instruments DAC8563 Datasheet HTML 39Page - Texas Instruments DAC8563 Datasheet HTML 40Page - Texas Instruments DAC8563 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
Programming (continued)
8.5.2 DAC Register Configuration
When the DAC registers are being written to, the DAC756x, DAC816x, and DAC856x devices receive all 24 bits
of data, ignore DB23 and DB22, and decode the next three bits (DB21 to DB19) in order to determine the DAC
operating or control mode (see Table 12). Bits DB18 to DB16 are used to address the DAC channels (see
Table 13).
Table 12. Commands for the DAC756x, DAC816x, and DAC856x Devices
C2
C1
C0
Command
(DB21)
(DB20)
(DB19)
0
0
0
Write to input register n (Table 13)
0
0
1
Software LDAC, update DAC register n (Table 13)
0
1
0
Write to input register n (Table 13) and update all DAC registers
0
1
1
Write to input register n and update DAC register n (Table 13)
1
0
0
Set DAC power up or -down mode
1
0
1
Software reset
1
1
0
Set LDAC registers
1
1
1
Enable or disable the internal reference
Table 13. Address Select for the DAC756x, DAC816x, and DAC856x Devices
A2
A1
A0
Channel (n)
(DB18)
(DB17)
(DB16)
0
0
0
DAC-A
0
0
1
DAC-B
0
1
0
Gain (only use with command 000)
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
DAC-A and DAC-B
When writing to the DAC input registers the next 16, 14, or 12 bits of data that follow are decoded by the DAC to
determine the equivalent analog output (see Table 14 through Table 16) . The data format is straight binary, with
all 0s corresponding to 0-V output and all 1s corresponding to full-scale output. For all documentation purposes,
the data format and representation used here is a true 16-bit pattern (that is, FFFFh data word for full scale) that
the DAC756x, DAC816x, and DAC856x devices require.
Table 14. DAC856x Data Input Register Format
COMMAND
ADDRESS
DATA
X(1)
X
C2
C1
C0
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23
DB0
(1)
X' denotes don't care bits.
Table 15. DAC816x Data Input Register Format
COMMAND
ADDRESS
DATA
X
X
C2
C1
C0
A2
A1
A0
D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
DB23
DB0
Table 16. DAC756x Data Input Register Format
COMMAND
ADDRESS
DATA
X
X
C2
C1
C0
A2
A1
A0
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
DB23
DB0
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com