Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 4Page - Texas Instruments DAC8563 Datasheet HTML 5Page - Texas Instruments DAC8563 Datasheet HTML 6Page - Texas Instruments DAC8563 Datasheet HTML 7Page - Texas Instruments DAC8563 Datasheet HTML 8Page - Texas Instruments DAC8563 Datasheet HTML 9Page - Texas Instruments DAC8563 Datasheet HTML 10Page - Texas Instruments DAC8563 Datasheet HTML 11Page - Texas Instruments DAC8563 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER REQUIREMENTS(5)
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.25
0.5
reference off
mA
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.9
1.6
reference on
AVDD = 3.6 V to 5.5 V, power-down modes
(6)
0.55
2
µA
AVDD = 3.6 V to 5.5 V, power-down modes
0.55
4
Power supply current (IDD)
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.2
0.4
reference off
mA
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.73
1.4
reference on
AVDD = 2.7 V to 3.6 V, power-down modes
(6)
0.35
2
µA
AVDD = 2.7 V to 3.6 V, power-down modes
0.35
3
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.9
2.75
reference off
mW
AVDD = 3.6 V to 5.5 V, normal mode, internal
3.2
8.8
reference on
AVDD = 3.6 V to 5.5 V, power-down modes
(6)
2
11
µW
AVDD = 3.6 V to 5.5 V, power-down modes
2
22
Power dissipation
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.54
1.44
reference off
mW
AVDD = 2.7 V to 3.6 V, normal mode, internal
1.97
5
reference on
AVDD = 2.7 V to 3.6 V, power-down modes
(6)
0.95
7.2
µW
AVDD = 2.7 V to 3.6 V, power-down modes
0.95
10.8
(5)
Input code = mid-scale, no load, VINH = AVDD, and VINL = GND
(6)
TA = –40°C to 105°C
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com