Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 34 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 30Page - Texas Instruments DAC8563 Datasheet HTML 31Page - Texas Instruments DAC8563 Datasheet HTML 32Page - Texas Instruments DAC8563 Datasheet HTML 33Page - Texas Instruments DAC8563 Datasheet HTML 34Page - Texas Instruments DAC8563 Datasheet HTML 35Page - Texas Instruments DAC8563 Datasheet HTML 36Page - Texas Instruments DAC8563 Datasheet HTML 37Page - Texas Instruments DAC8563 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
8.4.4 Internal Reference Enable Register
The internal reference in the DAC756x, DAC816x, and DAC856x devices is disabled by default for debugging,
evaluation purposes, or when using an external reference. The internal reference can be powered up and
powered down by setting the serial interface command bits to 111 and configuring DB0 (see Table 9). The
internal reference is forced to a powered down state while both DAC channels are powered down, and can only
be enabled if any DAC channel is in normal mode of operation. During the time that the internal reference is
disabled, the DAC functions normally using an external reference. At this point, the internal reference is
disconnected from the VREFIN/VREFOUT pin (Hi-Z output).
Table 9. Internal Reference
DB0
Internal Reference Configuration
0
Disable internal reference and reset DACs to gain = 1
1
Enable internal reference and reset DACs to gain = 2
8.4.4.1 Enabling Internal Reference
To enable the internal reference, refer to the command structure in Table 17. When performing a power cycle to
reset the device, the internal reference is switched off (default mode). In the default mode, the internal reference
is powered down until a valid write sequence powers up the internal reference. However, the internal reference is
forced to a disabled state while both DAC channels are powered down, and remains disabled until either DAC
channel is returned to the normal mode of operation. See DAC Power-Down Commands for more information on
DAC channel modes of operation.
8.4.4.2 Disabling Internal Reference
To disable the internal reference, refer to the command structure in Table 17. When performing a power cycle to
reset the device, the internal reference is disabled (default mode).
8.4.5 CLR Functionality
The edge-triggered CLR pin can be used to set the input and DAC registers immediately according to Table 10.
When the CLR pin receives a falling edge signal the clear mode is activated and changes the DAC output
voltages accordingly. The device exits clear mode on the 24th falling edge of the next write to the device. If the
CLR pin receives a falling edge signal during a write sequence in normal operation, the clear mode is activated
and changes the input and DAC registers immediately according to Table 10.
Table 10. Clear Mode Reset Values
DEVICE
DAC Output Entering Clear Mode
DAC8562, DAC8162, DAC7562
Zero-scale
DAC8563, DAC8163, DAC7563
Mid-scale
34
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com