Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 46 Page - Texas Instruments

Part # DAC8563
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 42Page - Texas Instruments DAC8563 Datasheet HTML 43Page - Texas Instruments DAC8563 Datasheet HTML 44Page - Texas Instruments DAC8563 Datasheet HTML 45Page - Texas Instruments DAC8563 Datasheet HTML 46Page - Texas Instruments DAC8563 Datasheet HTML 47Page - Texas Instruments DAC8563 Datasheet HTML 48Page - Texas Instruments DAC8563 Datasheet HTML 49Page - Texas Instruments DAC8563 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
10 Power Supply Recommendations
These devices can operate within the specified supply voltage range of 2.7 V to 5.5 V. The power applied to
AVDD should be well-regulated and low-noise. In order to further minimize noise from the power supplies, a
strong recommendation is to include a pair of 100-pF and 1-nF capacitors and a 0.1-
μF to 1-μF bypass
capacitor. The current consumption of the AVDD pin, the short-circuit current limit, and the load current for these
devices are listed in the Electrical Characteristics table. Choose the power supplies for these devices to meet the
aforementioned current requirements.
11 Layout
11.1 Layout Guidelines
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies. The DAC756x, DAC816x, and DAC856x devices offer single-supply operation, and are often used in
close proximity with digital logic, microcontrollers, microprocessors, and digital signal processors. The more
digital logic present in the design and the higher the switching speed, the more difficult it is to keep digital noise
from appearing at the output. As a result of the single ground pin of the DAC756x, DAC816x, and DAC856x
devices, all return currents (including digital and analog return currents for the DAC) must flow through a single
point. Ideally, GND would be connected directly to an analog ground plane. This plane would be separate from
the ground connection for the digital components until they were connected at the power-entry point of the
system. The power applied to AVDD should be well-regulated and low noise. Switching power supplies and dc-dc
converters often have high-frequency glitches or spikes riding on the output voltage. In addition, digital
components can create similar high-frequency spikes as their internal logic switches states. This noise can easily
couple into the DAC output voltage through various paths between the power connections and analog output. As
with the GND connection, AVDD should be connected to a power-supply plane or trace that is separate from the
connection for digital logic until they are connected at the power-entry point. In addition, a pair of 100-pF to 1-nF
capacitors and a 0.1-µF to 1-µF bypass capacitor are strongly recommended. In some situations, additional
bypassing may be required, such as a 100-µF electrolytic capacitor or even a pi filter made up of inductors and
capacitors – all designed essentially to provide low-pass filtering for the supply and remove the high-frequency
noise.
46
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com