Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 152 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 152 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 148Page - STMicroelectronics L9679P Datasheet HTML 149Page - STMicroelectronics L9679P Datasheet HTML 150Page - STMicroelectronics L9679P Datasheet HTML 151Page - STMicroelectronics L9679P Datasheet HTML 152Page - STMicroelectronics L9679P Datasheet HTML 153Page - STMicroelectronics L9679P Datasheet HTML 154Page - STMicroelectronics L9679P Datasheet HTML 155Page - STMicroelectronics L9679P Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 279 page
background image
SPI interfaces
L9679P
152/279
DS11627 Rev 7
7.7.3
Remote sensor x current registers y (RSTHRx_y)
Remote sensor 0, base current and delta to calculate 1st top current (RSTHR0_L)
Remote sensor 1, base current and delta to calculate 1st top current (RSTHR1_L)
ID:
5C (RSTHR0_L)
5D (RSTHR1_L)
Type:
R
Read:
5C00 (RSTHR0_L)
5D00 (RSTHR1_L)
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI_RS
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO_RS
DELTA 1ST TOP [9:0]
BASE CURRENT [9:0]
BASE CURRENT [9:0] $A1 $A1 $A1 Base current measured by internal converter (93.75 µA ±9% each LSB).
DELTA 1ST TOP [9:0] $103 $103 $103 Delta measured by internal converter respect to base current (93.75 µA ±9%
each LSB) to get top current.
Low threshold = base current+(DELTA_1ST_TOP/2) in case of PSI5 without
current averaged algorithm (bit 4 of RSRCx register equal to 0).
Low threshold = base current+(DELTA_1ST_TOP) in case of PSI5 with
current averaged algorithm (bit 4 of RSRCx register equal to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com