Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 155 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 155 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 151Page - STMicroelectronics L9679P Datasheet HTML 152Page - STMicroelectronics L9679P Datasheet HTML 153Page - STMicroelectronics L9679P Datasheet HTML 154Page - STMicroelectronics L9679P Datasheet HTML 155Page - STMicroelectronics L9679P Datasheet HTML 156Page - STMicroelectronics L9679P Datasheet HTML 157Page - STMicroelectronics L9679P Datasheet HTML 158Page - STMicroelectronics L9679P Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 279 page
background image
DS11627 Rev 7
155/279
L9679P
Deployment drivers
278
8
Deployment drivers
The squib/pyroswitch deployment block consists of 8 independent high side drivers and 8
independent low side drivers. Squib/pyroswitch deployment logic requires a deploy
command received through SPI communications and either an arming condition processed
by safing logic or a proper ARMx input pin assessment, depending on whether the internal
safing engine is used or not. Both conditions must exist in order for the deployment to occur.
Once a deployment is initiated, it can only be terminated by an SSM_RESET event.
L9679P allows all 8 squib/pyroswitch loops to be deployed at the very same time or in other
possible timing sequences. Deployment drivers are capable of granting a successful
deployment also in case of short to ground on low-side circuit (SRx pins). Firing voltage
capability across high side circuit is maximum 25 V. High side and low side drivers account
for a maximum series total resistance of 2 . Each loop is granted for a minimum number of
deployments of 50, under all normal operating conditions and with a deployment repetition
time higher than 10s. Both the High and the Low side FET drivers are equipped with passive
gate turn-off circuitries to guarantee the FETs are kept in off state also when the device is
unpowered or during power-up/down transients.
8.1
Control logic
A block diagram representing the deployment driver logic is shown below. Deployment
driver logic features include:
Deploy command logic
Deployment current selection
Deployment current monitoring and deploy success feedback
Diagnostic control and feedback
Figure 27. Deployment driver control blocks
GAPGPS02276
Deploy
Request
Validation
Deployment
Control &
Timing
High
Side
FET
Low
Side
FET
Current
Monitor
DCR
DSRx
DEPCOM
Deployment
Command Register
Deployment
Configuration
Register
DCMTSx
X
ARM4
Deployment Configuration
Register
DCR
Deployment
Configuration
Register
DCR
Deploy Current
Monitor Status
Deployment Status
Register
X
SFx
X
SRx
intclk
ITHDEPL
Safing Engine
Tristate enabler
X
ARM1-3
Int/Ext safing engine
Int/Ext safing engine
Programmable
Loop
Assignments
Programmable
Loop
Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com