Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 185 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 185 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 181Page - STMicroelectronics L9679P Datasheet HTML 182Page - STMicroelectronics L9679P Datasheet HTML 183Page - STMicroelectronics L9679P Datasheet HTML 184Page - STMicroelectronics L9679P Datasheet HTML 185Page - STMicroelectronics L9679P Datasheet HTML 186Page - STMicroelectronics L9679P Datasheet HTML 187Page - STMicroelectronics L9679P Datasheet HTML 188Page - STMicroelectronics L9679P Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 279 page
background image
DS11627 Rev 7
185/279
L9679P
Watchdog timers
278
Following the description of the WD2 states and signals (most of them available through SPI
registers)
Table 14. WD2 states and signals
State / Signal
Description
WD2 INIT
Default state entered from startup or after a SSM reset (if not in WD2 STOP
state).
WD2 OVERRIDE
Special state used to disable WD2 watchdog functionality.
WD2 INITSEED
State entered when the correct default key is received in INIT state. Here
the timer starts to count waiting for the real first key.
WD2 RUN
Normal run-time state where WD2 service is required.
WD2 TEST
A special state used to test the watchdog function. Normally, this state will
only be checked once per power cycle by the software, but there is no
inherent restriction in the watchdog logic preventing periodic testing. This
state allows testing of the watchdog without affecting WD2 error (no reset is
generated, WD2_LOCKOUT stay low). Only WD2_WDR latch could be set
to 1, in this way µC is able to verify the functionality of the watchdog.
WD2 QUAL
A state used to qualify a number of WD2_ERROR occurrences before
action is taken. The intent is to use this state to permit a retry strategy to
account for software jitter.
WD2 LOCK
A state entered after the allowed retries have been exhausted. This is
where action is taken due to WD2 service failure.
WD2 STOPPING
This is a timed-duration state that is automatically exited after 1ms
WD2 STOP
A state used to prevent continual recovery of WD2 errors using the
WD2_KEY key mechanism to restart watchdog service.
WD2 RESET
State entered when a WD2_ERROR occurs after having been qualified in
the WD2_QUAL state (when all retries are exhausted), or when testing the
WD2. This is a timed-duration state that is automatically exited after 1ms.
WSM_RESET
Watchdog State Machine reset – used to force a transition to the WD2 INIT
state and reset all signals to their inactive states
WD2_RETRY
Counter that tracks the number of retry attempts. It is incremented each
time the logic detects a WD2 error while qualifying the error.
WD2_WDR
Watchdog Reset – latched signal that is activated whenever a watchdog
error is qualified. For WD2, this occurs when WD2 service not received
after all retry attempts have previously failed. This signal is SPI-readable.
WD2_TM
Test Mode – a signal that indicates that WD2 is being tested. This signal is
SPI-readable.
WD2_LOCKOUT
A latched signal that is activated on startup, or whenever a WD2 error is
fully qualified (all retry attempts have failed). Recovery is still possible after
this is set going into WD2 RUN state. This signal drives the
WD2_LOCKOUT output pin. This signal is SPI-readable.
SPI_WD2_TEST
SPI command used to enter WD2_TEST state or to enter WD2 OVERRIDE
state from INIT.
TMR2
Timer to count the maximum time limit to receive the correct key
SPI_WD2_RECOVER SPI command used to clear retry counter
WD2_ERR_CNT
Counter that tracks the number of WD2 error occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com