Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 187 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 187 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 183Page - STMicroelectronics L9679P Datasheet HTML 184Page - STMicroelectronics L9679P Datasheet HTML 185Page - STMicroelectronics L9679P Datasheet HTML 186Page - STMicroelectronics L9679P Datasheet HTML 187Page - STMicroelectronics L9679P Datasheet HTML 188Page - STMicroelectronics L9679P Datasheet HTML 189Page - STMicroelectronics L9679P Datasheet HTML 190Page - STMicroelectronics L9679P Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 279 page
background image
DS11627 Rev 7
187/279
L9679P
DC sensor interface
278
11
DC sensor interface
L9679P implements a circuitry able to interface with a variety of positioning sensors. The
sensors that can be connected to the device are Hall-effect, resistive or simple switches.
Range of measurements is:
Resistive sensor: 65 Ωto 3 kΩ
Hall-effect sensor: 1 mA to 2 0 mA.
Within the above ranges, accuracy of ±15% is granted. A reduced accuracy is given in the
range 1 mA to 2 mA. Hall sensor and switch interface block diagram are shown below.
Figure 47. DC sensor interface block diagram
The global SPI contains several bits to control and configure the interface. The SWOEN bit
is used to enable the output voltage on DCSx pins. The channel to be activated can be
chosen by properly setting CHID bits. The interface activation is started and switched off
upon user SPI command. Alternatively it could be configured via the
SYS_CFG(EN_AUTO_SWITCH_OFF) bit to automatically switch off as soon as the
measurement is complete, in case of current or resistance measurements; this would help
preventing thermal conditions. The interface would not auto-switched off in case of voltage
measurement, instead.
+
-
+
-
Ilim
+
-
VBG
DCSx
IDCS
IDCS/100
1
100
Vref = 2v5
10bits
10nF÷100nF
IREF_DCS
VGND = ± 1V
SYNCBOOST
Vref
Vin
100
R1
6.125*R1
AxR
R
MUX
Blocks shared/multiplexed
among the the different channels
7.8*R2
R2
VINT3V3
VOFF_DCS
10bits
Vref
Vin
IPD_DCS
ADC MAIN
ADC IDCS
GAPGPS02288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com