Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 231 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 231 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics L9679P Datasheet HTML 229Page - STMicroelectronics L9679P Datasheet HTML 230Page - STMicroelectronics L9679P Datasheet HTML 231Page - STMicroelectronics L9679P Datasheet HTML 232Page - STMicroelectronics L9679P Datasheet HTML 233Page - STMicroelectronics L9679P Datasheet HTML 234Page - STMicroelectronics L9679P Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 279 page
background image
DS11627 Rev 7
231/279
L9679P
Electrical characteristics
278
18.6
Reset
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V, VCCx(min)  VCCx  VCCx(max),
VCC = 3.3 V or 5 V
18.7
SPI interface
All electrical characteristics are valid for both Global and Remote Sensor SPI and for the
following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V, VCCx(min)  VCCx  VCCx(max),
VCC = 3.3 V or 5 V
Table 32. Reset DC specifications
No
Symbol
Parameter
Comment
Min
Typ Max Unit
1
VOH_RESET
RESET output voltage
ILOAD = -1. mA
VCC-0.4
-
VCC
V
2
VOL_RESET
ILOAD = 2.0 mA
0
-
0.4
V
3
RPD_RESET RESET pull down resistance
-
65
100
135
kΩ
Table 33. Reset AC specifications
No
Symbol
Parameter
Comment
Min Typ Max Unit
1
TRISE_RESET Rise time
50 pF load, 20%-80%
-
-
1.00
µs
2
TFALL_RESET Fall time
-
-
1.00
µs
3
THOLD_RESET Reset hold time
-
0.45 0.5 0.55 ms
Table 34. Global and remote sensor SPI DC specifications
No
Symbol
Parameter
Comment
Min Typ Max Unit
1
VIH_CS_G
VIH_CS_RS
CS_x High level Input
Voltage
-
2
-
-
V
2
VIL_CS_G
VIL_CS_RS
CS_x Low level Input
Voltage
-
-
-
0.8
V
3
IPU_CS_G
IPU_CS_RS
CS_x Pull Up Current
CS_x = 0V
-70
-45
-20
µA
4
VIH_MOSI_G
VIH_MOSI_RS
MOSI_x High level Input
Voltage
-
2
-
-
V
5
VIL_MOSI_G
VIL_MOSI_RS
MOSI_x Low level Input
Voltage
-
-
-
0.8
V
6
IPD_MOSI_G
IPD_MOSI_RS
MOSI_x Pull Down Current
MOSI_x = VCC
20
45
70
µA
8
VIH_SCLK_G
VIH_SCLK_RS
SCLK_x High level Input
Voltage
-
2
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com