Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 234 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 234 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 230Page - STMicroelectronics L9679P Datasheet HTML 231Page - STMicroelectronics L9679P Datasheet HTML 232Page - STMicroelectronics L9679P Datasheet HTML 233Page - STMicroelectronics L9679P Datasheet HTML 234Page - STMicroelectronics L9679P Datasheet HTML 235Page - STMicroelectronics L9679P Datasheet HTML 236Page - STMicroelectronics L9679P Datasheet HTML 237Page - STMicroelectronics L9679P Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 279 page
background image
Electrical characteristics
L9679P
234/279
DS11627 Rev 7
9
ILKG_ERBST_OFF
ERBOOST input current
ERBOOST=40V
Power-off or Sleep Mode
-5
-
+5
µA
10
ILKG_ERBST_ON
Active or Passive Mode
ERBoost reg. enabled
ERBSTSW > ERBoost >
VER
ER Charge OFF
VSF regulator OFF
Any GPO channel not
enabled
Guaranteed by design
60
-
200
µA
11 ILKG_ERBST_ON_wGPO
Active or Passive Mode
ERBoost reg. enabled
ERBSTSW > ERBoost >
VER
ER Charge OFF
VSF regulator OFF
All GPO channel activated
1.5
-
2.4
mA
12
VERBST_OK
ERBOOST voltage
threshold
BST33V = 0
18
20
22
V
13
BST33V = 1
26
28
30
V
14
VERBST_OV
ERBOOST Over Voltage
threshold
SYS_CTL(ER_BST_V) = 0
22.6
-
25
V
15
SYS_CTL(ER_BST_V) = 1
31.65
-
35
V
16
VERBST_DIS_TH
Voltage difference
between VIN and
ERBOOST to deactivate
the ER Boost regulator
VIN – ERBOOST
Vin = 5.5 V, 12 V and 35 V
1.6
2.2
2.5
V
17 VERBST_CLAMP_EN_TH
Voltage difference
between ERBSTSW and
ERBOOST to activate the
ER Boost CLAMP
VERBSTSW – VERBOOST
2.7
3.3
3.7
V
18
TJSD_ERBST
Thermal shutdown
-
150
175
190
°C
19
THYS_TSDERBST
-
5
10
15
°C
Table 36. ERBoost regulator DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com