Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 43Page - STMicroelectronics L9300_V01 Datasheet HTML 44Page - STMicroelectronics L9300_V01 Datasheet HTML 45Page - STMicroelectronics L9300_V01 Datasheet HTML 46Page - STMicroelectronics L9300_V01 Datasheet HTML 47Page - STMicroelectronics L9300_V01 Datasheet HTML 48Page - STMicroelectronics L9300_V01 Datasheet HTML 49Page - STMicroelectronics L9300_V01 Datasheet HTML 50Page - STMicroelectronics L9300_V01 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 178 page
background image
Table 24. Thermal monitor electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Thermal Monitor
T_INT_acc
Thermal sensor accuracy
Guaranteed by design
-10
10
°C
T_SD_INT
Thermal shutdown threshold
175
185
°C
T_SD_flt
Thermal shutdown filter time
Guaranteed by scan
7.5
10
12.5
µs
9.5.3
Thermal monitor error handling
Table 25. Thermal monitor error handling
Type of error
Detection
condition
Action
Clear SPI flag
Restart condition
CORE OT
ON state
All ASIC functions except Charge Pump disabled,
T_SD_int fault bit (8) set in SPI Temperature
sensor register
On read
Automatic with retrigger of power-
up sequence after fault disappears
9.6
Battery monitor
9.6.1
Battery monitor functional description
The device includes a voltage monitor that detects the under voltage and over voltage condition on VBATP pin. In
case of under voltage (VB_UV1) or over voltage (VB_OV) the device reacts as indicated in the Functional table
chapter and in case of over voltage the proper diagnostic bit is set and latched in the SPI register.
9.6.2
Battery monitor electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to GND pin.
Table 26. Battery monitor electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Battery Monitor
VBATP_UV
VBATP under voltage
3
3.8
V
VBATP
VBATP_UV_HYS
VBATP under voltage hysteresis
200
mV
VBATP
VBATP_UV_FLT
VBATP under voltage filter time
Guaranteed by scan
7.5
10
12.5
µs
VBATP
VBATP_OV
VBATP over voltage
27
31
V
VBATP
VBATP_OV_HYS
VBATP over voltage hysteresis
2
V
VBATP
VBATP_OV_FLT
VBATP over voltage filter time
Guaranteed by scan
75
100
125
µs
VBATP
9.6.3
Battery monitor error handling
Table 27. Battery monitor error handling
Type of error
Detection
condition
Action
Clear SPI
flag
Restart condition
VBATP_uv
ON state
Outputs OFF as in Functional Table, set VBATP
UNDER VOLTAGE bit (2) in SPI SERVFLT.
register, reset according to SPI map table
On read
Power up sequence retriggered after fault
disappears, configuration to be renewed
VBATP_ov
ON state
Solenoid drivers and pre-drivers disabled, LS
clamp of solenoid outputs disabled; set VBATP
OVER VOLTAGE bit (1) in SPI SERVFLT
register
On read
After fault disappear, set ENCHx, Fail Safe
Pre-Driver Enable, Pump Pre-Driver
Enablein SERVENA register, DRVENAx bit in
SolEnDRVregister,
L9300
Reset
DS12258 - Rev 5
page 47/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com