Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 74Page - STMicroelectronics L9300_V01 Datasheet HTML 75Page - STMicroelectronics L9300_V01 Datasheet HTML 76Page - STMicroelectronics L9300_V01 Datasheet HTML 77Page - STMicroelectronics L9300_V01 Datasheet HTML 78Page - STMicroelectronics L9300_V01 Datasheet HTML 79Page - STMicroelectronics L9300_V01 Datasheet HTML 80Page - STMicroelectronics L9300_V01 Datasheet HTML 81Page - STMicroelectronics L9300_V01 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 178 page
background image
Figure 47. WD PRUN over frequency detection
RES1
PRN
Toff
TRL
Pulse Width
Counter
Toff
Toff
In case that PRN frequency is higher than 1kHz, PRN counter is not cleared.
PRN
Counter
1ms (=1kHz)
tOFF
RESET
RESET
No detection – Valid PRN pulse
Detection – Invalid PRN pulse
1 Hz
750 Hz
1 kHz
GADG0408170946PS
13.1.2
Reset-Latch function
The device provides the Reset-Latch function to keep the RES1 signal at low level once 4 PRN reset event has
been detected.
L9300
PRUN watchdog
DS12258 - Rev 5
page 78/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com