Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 35Page - STMicroelectronics L9300_V01 Datasheet HTML 36Page - STMicroelectronics L9300_V01 Datasheet HTML 37Page - STMicroelectronics L9300_V01 Datasheet HTML 38Page - STMicroelectronics L9300_V01 Datasheet HTML 39Page - STMicroelectronics L9300_V01 Datasheet HTML 40Page - STMicroelectronics L9300_V01 Datasheet HTML 41Page - STMicroelectronics L9300_V01 Datasheet HTML 42Page - STMicroelectronics L9300_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
ISTBTH
Static reverse current
into TRKn
VTRKn > VDD1 + VTRKnSTB
0.0
10
mA
TRKn
Diagnostic
ILKGB
Open sensor detection
VTRKn=OPEN
-4
-1
mA
TRKn
tFLT_OPEN
Open detection filter
time
Guaranteed by scan
10
20
µs
TRKn
ILKGG
Leakage to GND
threshold
Guaranteed by scan
+9%
-15.3
-9%
mA
TRKn
ILKGG
Leakage to GND
threshold
2 level std sensor only
+9%
-23
-9%
mA
TRKn
tFLT_LKG
Leakage deglitch filter
time
Guaranteed by scan
88
104
120
µs
TRKn
TMSK_ILIMTH
Current limit blanking
time at power-on
Guaranteed by scan
250
300
350
µs
TRKn
tILIMITH
Current limit filter time
Guaranteed by scan
500
600
µs
TRKn
VTRKnSTB
Output Short to Battery
Threshold
VDD1
VDD1+0.2
V
TRKn
tSTBTH
Short to battery deglitch
time
Guaranteed by scan
10
20
µs
TRKn
T_SD_TRK
Temperature shut down
175
185
°C
TRKn
T_SD_hy
Temperature shut down
hysteresis
5
10
°C
TRKn
T_SD_deglitch
Digital deglitch filter
time
Guaranteed by scan
7.5
10
12.5
µs
TRKn
Digital Output
VOL
Logic Output Low
Voltage
Isource = 1 mA
0.4
V
DOUTx
VOH
Logic Output High
Voltage
Isink = 1 mA
VDDIO-0.4
V
DOUTx
trise
Rise time
From 20% to 80% output voltage,
LOAD=20pF
0.05
2
µs
DOUTx
tfall
Fall time
From 80% to 20% output voltage,
LOAD=20pF
0.05
2
µs
DOUTx
Ileak
Tristate leakage current
TRK_SEL=VDD4
0<DOUTx<VDDIO
-0.5
0.5
µA
DOUTx
tdeglitch
DOUT deglitch filter
time
Configurable by SPI (4bits)
Guaranteed by scan
7.5
15.6
µs
DOUTx
tlatency
Latency time between
receiving sensor data
@TRKn pin and
reaching VOH on WSx
pin
Trigger point 80% of TRKn
modulated current) Guaranteed
by scan
0.5
5
µs
DOUTx
tjitter
Jitter on Latency time
Design info, not tested
0.1
125
ns
DOUTx
L9300
Power supply
DS12258 - Rev 5
page 39/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com