Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 16Page - STMicroelectronics L9300_V01 Datasheet HTML 17Page - STMicroelectronics L9300_V01 Datasheet HTML 18Page - STMicroelectronics L9300_V01 Datasheet HTML 19Page - STMicroelectronics L9300_V01 Datasheet HTML 20Page - STMicroelectronics L9300_V01 Datasheet HTML 21Page - STMicroelectronics L9300_V01 Datasheet HTML 22Page - STMicroelectronics L9300_V01 Datasheet HTML 23Page - STMicroelectronics L9300_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 178 page
background image
8.1.2
VDD1 electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to GND pin.
Table 6. VDD1 electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
IVDD1
Output load current
Application note
0.01
1.3
A
VDD1
CVDD1
Output capacitor
Application note Temperature and
component drift included
-35%
22
+35%
µF
VDD1
CVDD1ESR
Output capacitor ESR
Application note f ≤ 150 kHz
150
mΩ
VDD1
LVROUT
Buck inductor
Application note Component &
temperature drift included
-20%
22
+20%
µH
VROUT
LVROUT
Inductor res
Application note
105
mΩ
VROUT
Configuration Input
VIL
Logic Input Low Voltage
-
0.75
V
VDD1_SEL
VIH
Logic Input High Voltage
1.75
V
VDD1_SEL
Vhysteresis
Input hysteresis Voltage
0.1
1
V
VDD1_SEL
VDD1_SELPU
VDD1_SEL pull-up to
internal logic supply
VDD1_SEL = 0 V
10
30
60
µA
VDD1_SEL
VDD1
VDD1_Vout1
Regulated output voltage
VDD1_SEL = low VBATP ≥ 6 V, 10 mA ≤
IVDD1 ≤ 1.3 A
4.85
5
5.15
V
VDD1
VDD1_Vout2
Regulated output voltage
VDD1_SEL = high VBATP ≥ 7.5 V, 10 mA
≤ IVDD1 ≤ 1.3 A
6.305
6.5
6.695
V
VDD1
VDD1_line
Line regulation
VBATP 7.5 V to 19 V, IVDD1 = 10 mA,
1.3 A
-10
+10
mV
VDD1
VDD1_load
Load regulation
IVDD1 = 10 mA to 1.3 A, VBATP 7.5 V to
19 V
-10
+10
mV
VDD1
VDD1_Vout1_tr 1
Transient output voltage
1
VDD1_SEL = low, VBATP = 13 V, IVDD1 =
10 mA to 1.3 A dI/dt = 500 mA/µs, CVDD1
= 22 µF, LVROUT = 22 µH, Guaranteed
by design
-8
+8
%
VDD1
VDD1_Vout2_tr 1
Transient output voltage
1
VDD1_SEL = high, VBATP = 13 V, IVDD1
= 10 mA to 1.3 A dI/dt = 500 mA/µs,
CVDD1 = 22 µF, LVROUT = 22 µH,
Guaranteed by design
-8
+8
%
VDD1
VDD1_Vout1_tr 2
Transient output voltage
2
VDD1_SEL = low, VBATP step 12 V to
18 V; 18 V to 12 V, dVBATP/dt = 3 V/µs,
IVDD1 = 10 mA,1.3 A, CVDD1 = 22 µF,
LVROUT = 22 µH, Guaranteed by design
-8
+8
%
VDD1
VDD1_Vout2_tr 2
Transient output voltage
2
VDD1_SEL = high, VBATP step 12 V to
18 V; 18 V to 12 V, dVBATP/dt = 3 V/us,
IVDD1 = 10 mA, 1.3 A, CVDD1 = 22 µF,
LVROUT = 22 µH, Guaranteed by design
-8
+8
%
VDD1
VDD1_ripple
Ripple voltage
VBATP = 13 V, IVDD1 = 1.3 A Guaranteed
by design
-20
+20
mV
VDD1
VDD1_slope
Slope control
VBATP = 13 V
5
25
V/ms
VDD1
VDD1_ovs_1
Overshoot at power on
Vout1
5.2
V
VDD1
VDD1_ovs_2
Overshoot at power on
Vout2
6.7
V
VDD1
L9300
Power supply
DS12258 - Rev 5
page 20/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com