Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 17Page - STMicroelectronics L9300_V01 Datasheet HTML 18Page - STMicroelectronics L9300_V01 Datasheet HTML 19Page - STMicroelectronics L9300_V01 Datasheet HTML 20Page - STMicroelectronics L9300_V01 Datasheet HTML 21Page - STMicroelectronics L9300_V01 Datasheet HTML 22Page - STMicroelectronics L9300_V01 Datasheet HTML 23Page - STMicroelectronics L9300_V01 Datasheet HTML 24Page - STMicroelectronics L9300_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VDD1_ovs_1 a
Overshoot VBATP step
on Vout1
VBATP step from 5.5 V to 13 V during
10 µS, considering 1 µH wiring harness,
Guaranteed by design
5.5
V
VDD1
VDD1_ovs_2 a
Overshoot VBATP step
on Vout2
VBATP step from 5.5 V to 13 V during
10 µS, considering 1 µH wiring harness,
Guaranteed by design
7.5
V
VDD1
PSRR
PSRR
VBATP = 13 V, IVDD1 = 1.3 A, Vnoise =
1 Vpp, fnoise = 100-200 Hz, CVDD1 =
22 µF, LVROUT = 22 µH Guaranteed by
design
50
dB
VDD1
VROUT_ovc
Ipeak limitation
Open loop, current ramp on VROUT
2.5
3.5
A
VROUT
VROUT_min_duty
VDD1 output stage
minimum on time
duration
Design info, Guaranteed by design
100
300
ns
VROUT
Sw_fr
Switching frequency
fOSCINT/34
kHz
VROUT
Buck_Rds_ON
High–side Rds_ON
Tj=150 °C
0.35
Ω
VROUT
Buck_Rds_ON
High–side Rds_ON
Tj=175 °C, Guaranteed by design
0.4
Ω
VROUT
Buck_ton
High–side ton
Guaranteed by design
5
40
ns
VROUT
Buck_toff
High–side toff
Guaranteed by design
5
40
ns
VROUT
VDD1 Diagnostic
T_SD_VDD1
Temperature shut down
175
185
°C
VROUT
T_SD_hy
Temperature shut down
hysteresis
5
10
°C
VROUT
T_SD_deglitch
Digital deglitch filter time Guaranteed by scan
7.5
10
12.5
µs
VROUT
8.1.3
VDD1 error handling
Table 7. VDD1 type of errors
Type of error
Detection
condition
Action
Clear
SPI flag
Restart condition
VDD1 overcurrent
ON state
VDD1 OVER CURRENT SPI fault bit (4) latched in
SERVFLT register
On read
N.A.
VDD1
overtemperature
ON state
If current limitation is not triggered: no action
If current limitation is triggered: all outputs except Charge
Pump, CAN and GPO disabled, all regulators disabled,
power up sequence interrupted and T_SD_VDD1 SPI fault
bit (5) latched in SERVFLT register
On read
Automatic restart with
re-trigger of power-up
sequence after OT fault
disappears.
8.2
VDD2
8.2.1
VDD2 functional description
VDD2 is an internal regulator that is configurable through VDD2_SEL pin. If 3.3 V ≤ VDD2_SEL ≤ 5 V, the
regulator tracks VDD2_SEL while if VDD2_SEL = 0 V VDD2 works as linear 5 V regulator. VDD_SUP is the
supply voltage of VDD2 regulator that can be connected externally to VBATP or, to limit the power dissipation, to
VDD1.
Since VDD2 could be used to track either VDD3 or VDD4 voltages, VDD2 enable and configuration pin is sensed
and latched at power up only after VDD3 and VDD4 voltages are above their own undervoltage thresholds: this is
intended to avoid wrong configuration latch during the VDD3 and VDD4 rising phase. Echo of the latched VDD2
configuration is available in the SPI registers.
L9300
Power supply
DS12258 - Rev 5
page 21/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com