Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 73Page - STMicroelectronics L9300_V01 Datasheet HTML 74Page - STMicroelectronics L9300_V01 Datasheet HTML 75Page - STMicroelectronics L9300_V01 Datasheet HTML 76Page - STMicroelectronics L9300_V01 Datasheet HTML 77Page - STMicroelectronics L9300_V01 Datasheet HTML 78Page - STMicroelectronics L9300_V01 Datasheet HTML 79Page - STMicroelectronics L9300_V01 Datasheet HTML 80Page - STMicroelectronics L9300_V01 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 178 page
background image
Figure 46. WD enable/disable function
GADG0408170843PS
13.1.1
PRUN over frequency detection
PRUN Over Frequency Detection PRN frequency error is detected if the frequency is higher than 1 kHz and is not
detected if the frequency is lower than 750 Hz. In other words, when the interval between PRN rising edges is
less than 1ms, watchdog detects PRUN over frequency and doesn't clear the WDT counter. In addition, if this
condition continues during Toff, RES1 pin drives low.
Table 49. How PRN frequency effects PRUN
PRN frequency
Effect on PRUN logic
from 0 Hz to 750 Hz
PRN width counter surely reset.
No RES1 generated
from 750 Hz to 1 kHz
Gray area. No action guaranteed
from 1 kHz
PRN width counter not reset.
RES1 generated
L9300
PRUN watchdog
DS12258 - Rev 5
page 77/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com