Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 49Page - STMicroelectronics L9300_V01 Datasheet HTML 50Page - STMicroelectronics L9300_V01 Datasheet HTML 51Page - STMicroelectronics L9300_V01 Datasheet HTML 52Page - STMicroelectronics L9300_V01 Datasheet HTML 53Page - STMicroelectronics L9300_V01 Datasheet HTML 54Page - STMicroelectronics L9300_V01 Datasheet HTML 55Page - STMicroelectronics L9300_V01 Datasheet HTML 56Page - STMicroelectronics L9300_V01 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 178 page
background image
•
KP Proportional portion of the loop gain:
–
KP = 2N+1
where N is the decimal value stored in the 3 bits of the KGAINS register.
Note:
Default values in KGAINS register are set in order to operate properly with typical load values in fixed frequency
mode.
For variable frequency mode only the following parameters can be used to control integrator saturation of PI loop.
In fixed frequency mode integrator saturation limits are internally computed and the above parameters are not
used.
•
INTLIMVAL Integrator Saturation Limit. Its value is:
–
2N+7 if N≤13, where N is the decimal value stored in the 4 bits
–
220 if N>13
where N is the decimal value stored in the 4 bits of the INTGLIM register.
•
TRINTLIMVAL Transient Integrator Saturation Limit: it is the integrator saturation limit during set point
change transient response; transient response is defined as the time needed from set point change to
reach zero error in the sensed current.
–
0xxx → TRINTLIMVAL = 2-N * INTLIMVAL
–
1xxx → TRINTLIMVAL = 1
where N is the decimal value stored in the 3 less significant bits of the INTGLIM register.
In variable frequency mode additional parameters can be configured through the Frequency Control Register to
tune the PI coefficients of the frequency control loop:
•
KFI Integral portion of the frequency control loop gain: it is available through 3 bits as 2-N
•
KFP Proportional portion of the frequency control loop gain: it is available through 3 bits as 2-N
•
FCIL: Frequency Control Integrator Limit: it enables saturation of the integrator in the frequency control
loop. Saturation limit is internally computed and cannot be programmed.
Full On Mode
Each driver can be programmed to work in full on mode. If the bit FULL_ON_x is set to 1 (default is 0) the driver is
kept on continuously, until the bit is programmed to 0 or a fault occurs.
10.1.1.2
Software current control
In this configuration, SW_cntr_x = 1, the device works as simple driver and provides the load current
measurement to the microcontroller by SPI. In that way the microcontroller can close the current control loop
acting directly on the parallel input of the channels.
In software mode a toggling of INx longer than INx_in_ft is used to trigger the measurement of the mean current
flowing in the load; average current is calculated and updated into the dedicated AVGCUR SPI register at the end
of a valid PWM input signal (see Figure 32 / Figure 33). To properly turn on the driver a command duration longer
than LOADx_Ton_res has to be provided. (the same for the turning-off phase).
In case the INx input command is stucked, the average is evaluated till timeout set to 133334*tref_PWM, where
tref_PWM = 125 ns, and a warning flag TMOUT is set in PWMSENSE register. At TMOUT the average current
and PWM code calculations are restarted automatically.
L9300
Valve drivers
DS12258 - Rev 5
page 53/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com