Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 9Page - STMicroelectronics L9300_V01 Datasheet HTML 10Page - STMicroelectronics L9300_V01 Datasheet HTML 11Page - STMicroelectronics L9300_V01 Datasheet HTML 12Page - STMicroelectronics L9300_V01 Datasheet HTML 13Page - STMicroelectronics L9300_V01 Datasheet HTML 14Page - STMicroelectronics L9300_V01 Datasheet HTML 15Page - STMicroelectronics L9300_V01 Datasheet HTML 16Page - STMicroelectronics L9300_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
If the device receives an SPI command to refresh the keep-alive bit within the first keep-alive period the device
remains awake. Once the keep-alive bit is refreshed a new KA_period starts and so forth. To stay on the keep-
alive bit should be refreshed at each KA_period.
7.4
Power down
The power down, depending on the keep on condition that is maintaining on the device, can happen in three
different ways.
In Figure 6 the power down related to a high low transition on the WAKE pin.
In Figure 7 the power down related to the removal of power hold bit.
In Figure 8 the power down related to the not refreshing keep-alive bit from the microcontroller.
During power down all the regulators are switched off at the same time except VDD4 that is delayed by a fixed
timing, provided that ASIC battery is kept supplied. No voltage control is performed during power down; in case
the relative voltage between regulators is needed it has to be guaranteed through external components.
L9300
Power up and power down
DS12258 - Rev 5
page 13/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com