Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 2 Page - NXP Semiconductors

  SC16C852LIB Datasheet HTML 1Page - NXP Semiconductors SC16C852LIB Datasheet HTML 2Page - NXP Semiconductors SC16C852LIB Datasheet HTML 3Page - NXP Semiconductors SC16C852LIB Datasheet HTML 4Page - NXP Semiconductors SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
2 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
I High resolution clock prescaler, from 0 to 15 with granularity of 1⁄16 to allow
non-standard UART clock to be used
I Programmable Xon/Xoff characters
I Software selectable baud rate generator
I Support IrDA version 1.0 (up to 115.2 kbit/s)
I Standard modem interface or infrared IrDA encoder/decoder interface
I Enhanced Sleep mode and low power feature
I Modem control functions (CTS, RTS, DSR, DTR, RI, CD)
I Independent transmitter and receiver enable/disable
I Pb-free, RoHS compliant packages offered
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SC16C852LIB
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
SC16C852LIBS HVQFN32
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals; body 5
× 5 × 0.85 mm
SOT617-1
SC16C852LIET TFBGA36
plastic thin fine-pitch ball grid array package; 36 balls;
body 3.5
× 3.5 × 0.8 mm
SOT912-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com