Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 27Page - NXP Semiconductors SC16C852LIB Datasheet HTML 28Page - NXP Semiconductors SC16C852LIB Datasheet HTML 29Page - NXP Semiconductors SC16C852LIB Datasheet HTML 30Page - NXP Semiconductors SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
31 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.5 Line Control Register (LCR)
The Line Control Register is used to specify the asynchronous data communication
format. The word length, the number of stop bits, and the parity are selected by writing the
appropriate bits in this register.
Table 17.
Line Control Register bits description
Bit
Symbol
Description
7
LCR[7]
Divisor latch enable. The internal baud rate counter latch and Enhanced
Feature mode enable.
logic 0 = divisor latch disabled (normal default condition)
logic 1 = divisor latch enabled
6
LCR[6]
Set break. When enabled, the Break control bit causes a break condition to
be transmitted (the TX output is forced to a logic 0 state). This condition
exists until disabled by setting LCR[6] to a logic 0.
logic 0 = no TX break condition (normal default condition)
logic 1 = forces the transmitter output (TX) to a logic 0 for alerting the
remote receiver to a line break condition
5:3
LCR[5:3]
Programs the parity conditions (see Table 18).
2
LCR[2]
Stop bits. The length of stop bit is specified by this bit in conjunction with the
programmed word length (see Table 19).
logic 0 or cleared = default condition
1:0
LCR[1:0]
Word length bits 1, 0. These two bits specify the word length to be
transmitted or received (see Table 20).
logic 0 or cleared = default condition
Table 18.
LCR[5:3] parity selection
LCR[5]
LCR[4]
LCR[3]
Parity selection
X
X
0
no parity
X
0
1
odd parity
0
1
1
even parity
0
0
1
forced parity ‘1’
1
1
1
forced parity ‘0’
Table 19.
LCR[2] stop bit length
LCR[2]
Word length (bits)
Stop bit length (bit times)
0
5, 6, 7, 8
1
15
11
⁄2
1
6, 7, 8
2
Table 20.
LCR[1:0] word length
LCR[1]
LCR[0]
Word length (bits)
00
5
01
6
10
7
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com