Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 25Page - NXP Semiconductors SC16C852LIB Datasheet HTML 26Page - NXP Semiconductors SC16C852LIB Datasheet HTML 27Page - NXP Semiconductors SC16C852LIB Datasheet HTML 28Page - NXP Semiconductors SC16C852LIB Datasheet HTML 29Page - NXP Semiconductors SC16C852LIB Datasheet HTML 30Page - NXP Semiconductors SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
29 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
[1]
For 128-byte FIFO mode, refer to Section 7.16, Section 7.17, Section 7.18.
[2]
For 128-byte FIFO mode, refer to Section 7.15, Section 7.17, Section 7.18.
[1]
When RXINTLVL, TXINTLVL, FLWCNTL or FLWCNTH contains any value other than 0x00, receive and
transmit trigger levels are set by RXINTLVL, TXINTLVL registers (see Section 6.4 “FIFO operation”).
[1]
When RXINTLVL, TXINTLVL, FLWCNTL or FLWCNTH contains any value other than 0x00, receive and
transmit trigger levels are set by RXINTLVL, TXINTLVL registers (see Section 6.4 “FIFO operation”).
3
(cont.)
Transmit operation in mode ‘1’: When the SC16C852L is in FIFO mode
(FCR[0] = logic 1; FCR[3] = logic 1), the TXRDYA/TXRDYB pin will be a
logic 1 when the transmit FIFO is completely full; see Section 6.10 “DMA
operation”. It will be a logic 0 when the trigger level has been reached.
Receive operation in mode ‘1’: When the SC16C852L is in FIFO mode
(FCR[0] = logic 1; FCR[3] = logic 1) and the trigger level has been reached,
or a Receive Time-Out has occurred, the RXRDYA/RXRDYB pin will go to a
logic 0. Once activated, it will go to a logic 1 after there are no more
characters in the FIFO.
2
FCR[2]
XMIT FIFO reset.
logic 0 = no FIFO transmit reset (normal default condition)
logic 1 = clears the contents of the transmit FIFO and resets the FIFO
counter logic. This bit will return to a logic 0 after clearing the FIFO.
1
FCR[1]
RCVR FIFO reset.
logic 0 = no FIFO receive reset (normal default condition)
logic 1 = clears the contents of the receive FIFO and resets the FIFO
counter logic. This bit will return to a logic 0 after clearing the FIFO.
0
FCR[0]
FIFO enable.
logic 0 = disable the transmit and receive FIFO (normal default condition)
logic 1 = enable the transmit and receive FIFO
Table 13.
RCVR trigger levels
FCR[7]
FCR[6]
RX FIFO trigger level (bytes) in 32-byte FIFO mode[1]
008
0116
1024
1128
Table 14.
TX FIFO trigger levels
FCR[5]
FCR[4]
TX FIFO trigger level (bytes) in 32-byte FIFO mode[1]
0016
018
1024
1130
Table 12.
FIFO Control Register bits description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com