Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors SC16C852LIB Datasheet HTML 22Page - NXP Semiconductors SC16C852LIB Datasheet HTML 23Page - NXP Semiconductors SC16C852LIB Datasheet HTML 24Page - NXP Semiconductors SC16C852LIB Datasheet HTML 25Page - NXP Semiconductors SC16C852LIB Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
22 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.14 RS-485 features
6.14.1 Auto RS-485 RTS control
Normally the RTSA/RTSB pin is controlled by MCR bit 1, or if hardware flow control is
enabled, the logic state of the RTSx pin is controlled by the hardware flow control circuitry.
AFCR2 register bit 4 will take the precedence over the other two modes; once this bit is
set, the transmitter will control the state of the RTSx pin. The transmitter automatically
asserts the RTSx pin (logic 0) once the host writes data to the transmit FIFO, and
de-asserts RTSx pin (logic 1) once the last bit of the data has been transmitted.
To use the auto RS-485 RTS mode the software would have to disable the hardware
flow control function.
6.14.2 RS-485 RTS inversion
AFCR2[5] reverses the polarity of the RTSx pin if the UART is in auto RS-485 RTS mode.
When the transmitter has data to be sent it will de-asserts the RTSx pin (logic 1), and
when the last bit of the data has been sent out the transmitter asserts the RTSx pin
(logic 0).
6.14.3 Auto 9-bit mode (RS-485)
AFCR2[0] is used to enable the 9-bit mode (Multi-drop or RS-485 mode). In this mode of
operation, a ‘master’ station transmits an address character followed by data characters
for the addressed ‘slave’ stations. The slave stations examine the received data and
interrupt the controller if the received character is an address character (parity bit = 1).
To use the automatic 9-bit mode, the software would have to disable the hardware and
software flow control functions.
6.14.3.1
Normal Multi-drop mode
The 9-bit Mode in AFCR2[0] is enabled, but not Special Character Detect (EFR[5]). The
receiver is set to Force Parity 0 (LCR[5:3] = 111) in order to detect address bytes.
With the receiver initially disabled, it ignores all the data bytes (parity bit = 0) until an
address byte is received (parity bit = 1). This address byte will cause the UART to set the
parity error. The UART will generate a line status interrupt (IER bit 2 must be set to ‘1’ at
this time), and at the same time puts this address byte in the RX FIFO. After the controller
examines the byte it must make a decision whether or not to enable the receiver; it should
enable the receiver if the address byte addresses its ID address, and must not enable the
receiver if the address byte does not address its ID address.
If the controller enables the receiver, the receiver will receive the subsequent data until
being disabled by the controller after the controller has received a complete message from
the ‘master’ station. If the controller does not disable the receiver after receiving a
message from the ‘master’ station, the receiver will generate a parity error upon receiving
another address byte. The controller then determines if the address byte addresses its ID
address, if it is not, the controller then can disable the receiver. If the address byte
addresses the ‘slave’ ID address, the controller takes no further action, and the receiver
will receive the subsequent data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com