Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors SC16C852LIB Datasheet HTML 22Page - NXP Semiconductors SC16C852LIB Datasheet HTML 23Page - NXP Semiconductors SC16C852LIB Datasheet HTML 24Page - NXP Semiconductors SC16C852LIB Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
21 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.12 Sleep mode
Sleep mode is an enhanced feature of the SC16C852L UART. It is enabled when EFR[4],
the enhanced functions bit, is set and when IER[4] of both channels are set.
6.12.1 Conditions to enter Sleep mode
Sleep mode is entered when:
• Modem input pins are not toggling.
• The serial data input line, RXA or RXB, is idle for 4 character time (logic HIGH) and
AFCR1[4] is logic 0. When AFCR1[4] is logic 1 the device will go to sleep regardless
of the state of the RXA/RXB pin (see Section 7.21 for the description of AFCR1 bit 4).
• The TX FIFO and TX shift register are empty.
• There are no interrupts pending.
• The RX FIFO is empty.
In Sleep mode, the UART clock and baud rate clock are stopped. Since most registers are
clocked using these clocks, the power consumption is greatly reduced.
Remark: Writing to the divisor latches, DLL and DLM, to set the baud clock, must not be
done during Sleep mode. Therefore, it is advisable to disable Sleep mode using IER[4]
before writing to DLL or DLM.
6.12.2 Conditions to resume normal operation
SC16C852L resumes normal operation by any of the following:
• Receives a start bit on RXA/RXB pin.
• Data is loaded into transmit FIFO.
• A change of state on any of the modem input pins
If the device is awakened by one of the conditions described above, it will return to the
Sleep mode automatically after all the conditions described in Section 6.12.1 are met. The
device will stay in Sleep mode until it is disabled by setting any channel’s IER bit 4 to a
logic 0.
When the SC16C852L is in Sleep mode and the host data bus (D[7:0], A[2:0], IOW, IOR,
CSA, CSB) remains in steady state, either HIGH or LOW, the Sleep mode supply current
will be in the
µA range as specified in Table 38 “Static characteristics”. If any of these
signals is toggling or floating then the sleep current will be higher.
6.13 Low power feature
A Low power feature is provided by the SC16C852L to prevent the switching of the host
data bus from influencing the sleep current. When the pin LOWPWR is activated (logic
HIGH), the device immediately and unconditionally goes into Low power mode. All clocks
are stopped and most host interface pins are isolated to reduce power consumption. The
device only returns to normal mode when the LOWPWR pin is de-asserted. The pin can
be left unconnected because it has an internal pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com