Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors SC16C852LIB Datasheet HTML 38Page - NXP Semiconductors SC16C852LIB Datasheet HTML 39Page - NXP Semiconductors SC16C852LIB Datasheet HTML 40Page - NXP Semiconductors SC16C852LIB Datasheet HTML 41Page - NXP Semiconductors SC16C852LIB Datasheet HTML 42Page - NXP Semiconductors SC16C852LIB Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
39 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.20 RS-485 turn-around time delay (RS485TIME)
The value in this register controls the turn-around time of the external line transceiver in
bit time. In automatic 9-bit mode RTSA/RTSB or DTRA/DTRB pin is used to control the
direction of the line driver, after the last bit of data has been shifted out of the transmit shift
register the UART will count down the value in this register. When the count value reaches
zero, the UART will assert RTSA/RTSB or DTRA/DTRB pin (logic 0) to turn the external
RS-485 transceiver around for receiving.
7.21 Advanced Feature Control Register 2 (AFCR2)
Table 32.
RS-485 programmable turn-around time register bits description
Bit
Symbol
Description
7:0
RS485TIME[7:0]
External RS-485 transceiver turn-around time delay. The value
represents the bit time at the programmed baud rate.
Table 33.
Advanced Feature Control Register 2 register bits description
Bit
Symbol
Description
7:6
AFCR2[7:6]
reserved
5
AFCR2[5]
RTSInvert. Invert RTS or DTR signal in automatic 9-bit mode.
logic
logic 0 = RTS or DTR is set to 0 by the UART during transmission,
and to 1 during reception
logic 1 = RTS or DTR is set to 1 by the UART during transmission,
and to 0 during reception
4
AFCR2[4]
RTSCon. Enable the transmitter to control RTSx or DTRx pin in
automatic 9-bit mode.
logic
logic 0 = transmitter does not control RTSx or DTRx pin
logic 1 = transmitter controls RTSx or DTRx pin
3
AFCR2[3]
RS485 RTS/DTR. Select RTSx or DTRx pin to control the external
transceiver.
logic
logic 0 = RTSx pin is used to control the external transceiver
logic 1 = DTRx pin is used to control the external transceiver
2
AFCR2[2]
TXDisable. Disable transmitter
logic 0 = transmitter is enabled
logic 1 = transmitter is disable
1
AFCR2[1]
RXDisable. Disable receiver
logic 0 = receiver is enabled
logic 1 = receiver is disable
0
AFCR2[0]
9-bitMode. Enable 9-bit mode or Multidrop (RS-485) mode
logic
logic 0 = normal RS-232 mode
logic 1 = enable 9-bit mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com