Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 30Page - NXP Semiconductors SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors SC16C852LIB Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
34 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.8 Modem Status Register (MSR)
This register shares the same address as EFCR register. This is a read-only register and
it provides the current state of the control interface signals from the modem, or other
peripheral device to which the SC16C852L is connected. Four bits of this register are
used to indicate the changed information. These bits are set to a logic 1 whenever a
control input from the modem changes state. These bits are set to a logic 0 whenever the
CPU reads this register.
When write, the data will be written to EFCR register.
[1]
Whenever any MSR bit 3:0 is set to logic 1, a Modem Status Interrupt will be generated.
Table 23.
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7]
CD. During normal operation, this bit is the complement of the CD input.
Reading this bit in the loopback mode produces the state of MCR[3] (OP2).
6
MSR[6]
RI. During normal operation, this bit is the complement of the RI input.
Reading this bit in the loopback mode produces the state of MCR[2] (OP1).
5
MSR[5]
DSR. During normal operation, this bit is the complement of the DSR input.
During the loopback mode, this bit is equivalent to MCR[0] (DTR).
4
MSR[4]
CTS. During normal operation, this bit is the complement of the CTS input.
During the loopback mode, this bit is equivalent to MCR[1] (RTS).
3
MSR[3]
∆CD [1]
logic 0 = no CD change (normal default condition)
logic 1 = the CD input to the SC16C852L has changed state since the last
time it was read. A modem Status Interrupt will be generated.
2
MSR[2]
∆RI [1]
logic 0 = no RI change (normal default condition)
logic 1 = the RI input to the SC16C852L has changed from a logic 0 to a
logic 1. A modem Status Interrupt will be generated.
1
MSR[1]
∆DSR [1]
logic 0 = no DSR change (normal default condition)
logic 1 = the DSR input to the SC16C852L has changed state since the
last time it was read. A modem Status Interrupt will be generated.
0
MSR[0]
∆CTS [1]
logic 0 = no CTS change (normal default condition)
logic 1 = the CTS input to the SC16C852L has changed state since the
last time it was read. A modem Status Interrupt will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com