Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 29Page - NXP Semiconductors SC16C852LIB Datasheet HTML 30Page - NXP Semiconductors SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
33 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.7 Line Status Register (LSR)
This register provides the status of data transfers between the SC16C852L and the CPU.
Table 22.
Line Status Register bits description
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
logic 0 = no error (normal default condition)
logic 1 = at least one parity error, framing error or break indication is in the
current FIFO data. This bit is cleared when there are no remaining error flags
associated with the remaining data in the FIFO.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator. This bit is set to a
logic 1 whenever the transmit holding register and the transmit shift register are
both empty. It is reset to logic 0 whenever either the THR or TSR contains a data
character. In the FIFO mode, this bit is set to ‘1’ whenever the transmit FIFO and
transmit shift register are both empty.
5
LSR[5]
THR empty. This bit is the Transmit Holding Register Empty indicator. This bit
indicates that the UART is ready to accept a new character for transmission. In
addition, this bit causes the UART to issue an interrupt to CPU when the THR
interrupt enable is set. The THR bit is set to a logic 1 when a character is
transferred from the transmit holding register into the transmitter shift register.
The bit is reset to a logic 0 concurrently with the loading of the transmitter
holding register by the CPU. In the FIFO mode, this bit is set when the transmit
FIFO is empty; it is cleared when at least 1 byte is written to the transmit FIFO.
4
LSR[4]
Break interrupt.
logic 0 = no break condition (normal default condition)
logic 1 = the receiver received a break signal (RX was a logic 0 for one
character frame time). In the FIFO mode, only one break character is loaded
into the FIFO.
3
LSR[3]
Framing error.
logic 0 = no framing error (normal default condition)
logic 1 = framing error. The receive character did not have a valid stop bit(s). In
the FIFO mode, this error is associated with the character at the top of the
FIFO.
2
LSR[2]
Parity error.
logic 0 = no parity error (normal default condition)
logic 1 = parity error. The receive character does not have correct parity
information and is suspect. In the FIFO mode, this error is associated with the
character at the top of the FIFO.
1
LSR[1]
Overrun error.
logic 0 = no overrun error (normal default condition)
logic 1 = overrun error. A data overrun error occurred in the Receive Shift
Register. This happens when additional data arrives while the FIFO is full. In
this case, the previous data in the shift register is overwritten. Note that under
this condition, the data byte in the Receive Shift Register is not transferred into
the FIFO, therefore the data in the FIFO is not corrupted by the error.
0
LSR[0]
Receive data ready.
logic 0 = no data in Receive Holding Register or FIFO (normal default
condition)
logic 1 = data has been received and is saved in the Receive Holding Register
or FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com