Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTC-TN Datasheet HTML 1Page - Abracon Corporation AB-RTC-TN Datasheet HTML 2Page - Abracon Corporation AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 3
Disclaimer
lign
Check Inventory
S
lign
Request Samples
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ΔF/F
Time accuracy calibrated,
CLKOUT measured on rising
edge of One 1 Hz period
TA = 0°C to +50°C
±1.5
ppm
±0.13
s/day
TA = -40°C to +85°C
±3
ppm
±0.26
s/day
TA = +85°C to +105°C
±7
ppm
±0.6
s/day
ΔF/F
1 Hz OFFSET value
Min. corr. step (LSB) and Max.
corr. range
TA = -40°C to +105°C
±0.2384
±7.4
ppm
Digital Temperature Compensated Xtal DTCXO (VDD = 1.5 to 5.5V, TYP values at 25°C and 3.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com