Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 4 Page - Abracon Corporation

  AB-RTC-TN Datasheet HTML 1Page - Abracon Corporation AB-RTC-TN Datasheet HTML 2Page - Abracon Corporation AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 4
Disclaimer
lign
Check Inventory
S
lign
Request Samples
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Power Supply Voltage
Time-keeping mode (2)
1.5
5.5
V
I2C-bus (100 kHz)
1.5
5.5
I2C-bus (400 kHz)
1.5
5.5
VDD;EXT
Power Supply Voltage
for extended temperature range
Time-keeping mode,
TA = +85 °C to +105°C (2)
1.6
5.5
V
I2C-bus (100 kHz),
TA = +85 °C to +105°C
1.6
5.5
I2C-bus (400 kHz),
TA = +85 °C to +105°C
2.1
5.5
VDDF
VDD failing slew rate(1)
0.5
V/µs
VDDR2
VDD rising slew rate(1)
Rising from VDD = 1.5 V to VDD ≤
3.5 V
0.2
V/µs
Rising from VDD = 1.5 V to VDD >
3.5 V
0.07
VLOW1
VDD low and POR detection.
Temperature compensation
stops (flag V1F). (3)
1.1
1.2
1.3
V
VLOW1
VDD low and POR detection.
Data no longer valid (flag V2F).(3)
1.1
1.2
1.3
V
IVDD
VDD supply current timekeeping
I2C-bus inactive, CLKOUT
disabled, average current
VDD = 1.5 V (4)
240
600
nA
VDD = 3.0 V (4)
240
600
VDD = 5.0 V (4)
250
700
IVDD:EXT
VDD supply current timekeeping
I2C-bus inactive, CLKOUT
disabled, average current
for extended temperature range
VDD = 1.6 V, +85 to 105°C (4)
800
nA
VDD = 3.0 V, +85 to 105°C (4)
800
VDD = 5.0 V, +85 to 105°C (4)
900
IVDD:12C
VDD supply current during
I2C burst read/write, CLKOUT
disabled
VDD = 1.5 V, SCL = 100kHz (5)
2
15
µA
VDD = 3.0 V, SCL = 400kHz (5)
5
40
VDD = 5.0 V, SCL = 400kHz (5)
7
60
IDD:TSP
VDD supply current temperature
sensing peak
Typical duration = 1.3 ms
19
µA
ΔIVDD:CK32
Additional VDD supply current (6)
VDD = 3.0 V, FCLKOUT = 32.768
kHz, CL = 10 pF
1
µA
ΔIVDD:CK1024
VDD = 3.0 V, FCLKOUT = 1024 Hz,
CL = 10 pF
30
nA
ΔIVDD:CK1
VDD = 3.0 V, FCLKOUT = 1 Hz,
CL = 10 pF
0.03
nA
DC Characteristics (TA = -40 to +85°C unless otherwise indicated. VDD = 1.5 to 5.5V, FOSC = 32.768kHz, TYP values at 25°C
and 3.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com