Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTC-TN Datasheet HTML 1Page - Abracon Corporation AB-RTC-TN Datasheet HTML 2Page - Abracon Corporation AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 1
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Description
Very low power consumption: 240 nA @ 3V
Time accuracy: ±3 ppm @ -40°C to 85°C
External Event Input with Interrupt and Time Stamp function
Wide operating voltage range: 1.5V to 5.5V
Integrated CMOS Oscillator with 32.768kHz crystal resonator
Factory calibrated temperature compensation
Internal Power-On Reset (POR)
Alarm Interrupts for second, minutes, hour, date and weekday
Automatic leap year calculation (2000 to 2099)
Clock output: 32.768 kHz, 1.024 Hz, and 1 Hz
I2C-bus interface: 400 kHz
REACH/RoHS II Compliant | MSL Level 1
Features
Typical Applications
IoT Metering
Industrial
Health Care
Wearables/Portables
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
-0.3
6.0
V
VI
Input voltage
Input Pin
-0.3
VDD+0.3
V
VO
Output voltage
Output Pin
-0.3
VDD+0.3
V
II
Input current
-10
10
mA
IO
Output current
-10
10
mA
VESD
ESD Voltage
HBM (1)
±2000
V
CDM (2)
±200
V
ILU
Latch-up Current
JEDEC (3)
±100
mA
TOPR
Operating Temperature
-40
85 (4)
°C
TSTO
Storage Temperature
-55
125
°C
TPEAK
Maximum reflow condition
JEDEC J-STD-020C
265
°C
Note 1:
HBM: Human Body Model, according to JESD22-A114.
Note 2:
MM: Machine Model, according to JESD22-A115.
Note 3:
Latch-up testing, according to JESD78., Class I (room temperature), level A (100 mA).
Note 4:
Supports extended operating temperature range from +85°C to +105°C with limitations.
Absolute Maximum Ratings according to IEC 60134(4):
Abracon’s ultra-low power Real-Time Clock (RTC) module with embedded 32.768 kHz crystal, AB-
RTC-TN-32.768kHz-2, uses an I2C communication interface to configure numerous features while
sustaining temperature compensated frequency accuracy (±3ppm over -40°C to 85°C) in a compact
lead-free ceramic SMD 3.2 x 1.5 mm package. These features include a periodic time update interrupt
function, low voltage detection, external event input with interrupt and internal power-on reset function.
The RTC has a broad operating power supply voltage range of 1.5V to 5.5V with low power consumption
(240nA @ 3V).


Similar Part No. - AB-RTC-TN

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTC-TNA ABRACON-AB-RTC-TNA Datasheet
851Kb / 11P
Ultra-Low Power RTC Module
9/9/2025
AB-RTC-TNA-32.768KHZ-2 ABRACON-AB-RTC-TNA-32.768KHZ-2 Datasheet
851Kb / 11P
Ultra-Low Power RTC Module
9/9/2025
More results

Similar Description - AB-RTC-TN

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
logo
MICORO CRYSTAL SWITZERL...
RV-1805-C3 MICROCRYSTAL-RV-1805-C3 Datasheet
234Kb / 2P
Extreme Low Power RTC Module
RV-1805-C3 MICROCRYSTAL-RV-1805-C3_16 Datasheet
407Kb / 2P
Extreme Low Power RTC Module
logo
Golledge Electronics Lt...
RV2123C2 GOLLEDGE-RV2123C2_18 Datasheet
748Kb / 5P
RTC SPI Bus Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-1805-C3 MICROCRYSTAL-RV-1805-C3_18 Datasheet
1,013Kb / 2P
Extreme Low Power RTC Module
RV-3028-C7 MICROCRYSTAL-RV-3028-C7 Datasheet
1Mb / 2P
Extreme Low Power RTC Module
RV-5028-C7 MICROCRYSTAL-RV-5028-C7 Datasheet
946Kb / 2P
Extreme Low Power RTC Module
Version 1.0/12.2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com