Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 6 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 6 Page - Abracon Corporation

Back Button AB-RTC-TN Datasheet HTML 2Page - Abracon Corporation AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation AB-RTC-TN Datasheet HTML 10Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 6
Disclaimer
lign
Check Inventory
S
lign
Request Samples
SYMBOL
PARAMETER
Conditions
MIN
MAX
UNIT
fSCL
SCL input clock frequency
VDD ≥ 1.5 V
0
100
kHz
VDD ≥ 2.0 V
0
400
tLOW
Low period of SCL clock
VDD ≥ 1.5 V
4.7
µs
VDD ≥ 2.0 V
1.3
tHIGH
High period of SCL clock
VDD ≥ 1.5 V
4.0
µs
VDD ≥ 2.0 V
0.6
tRISE
Rise time of SDA and SCL
VDD ≥ 1.5 V
1000
ns
VDD ≥ 2.0 V
300
tFALL
Fall time of SDA and SCL
VDD ≥ 1.5 V
300
ns
VDD ≥ 2.0 V
300
tHD:STA
START condition hold time
VDD ≥ 1.5 V
4.0
µs
VDD ≥ 2.0 V
0.6
tSU:STA
START condition setup time
VDD ≥ 1.5 V
4.7
µs
VDD ≥ 2.0 V
0.6
tSU:DAT
SDA setup time
VDD ≥ 1.5 V
250
ns
VDD ≥ 2.0 V
100
tHD:DAT
SDA hold time
VDD ≥ 1.5 V
0
µs
VDD ≥ 2.0 V
0
tSU:STO
STOP condition setup time
VDD ≥ 1.5 V
4.0
µs
VDD ≥ 2.0 V
0.6
tBUF
Bus free time before a new transmission
VDD ≥ 1.5 V
4.7
µs
VDD ≥ 2.0 V
1.3
S = Start condition, Sr = Repeated Start condition, P = Stop condition
I2C BUS Timing Characteristics
I2C AC Characteristics (TA = -40 to +85°C, TYP values at 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com