Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 2 Page - Abracon Corporation

  AB-RTC-TN Datasheet HTML 1Page - Abracon Corporation AB-RTC-TN Datasheet HTML 2Page - Abracon Corporation AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 2
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Block Diagram
Frequency Characteristics (TA = -40 to +85°C unless otherwise indicated. VDD = 1.5 to 5.5V, TYP values at 25°C and 3.0V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
F
Crystal Frequency
32.768
kHz
tSTART
Oscillator start-up time
tSTART = tPOR1 + tPOR2
CLKOE = VDD
80
500
ms
tSTART:EXT
Oscillator start-up time
tSTART:EXT = tPOR1:EXT + tPOR2:EXT
for extended temperature range
VDD = 1.6 to 5.5 V
CLKOE = VDD,
TA = +85°C to +105°C
500
ms
δCLKOUT
CLKOUT duty cycle
FCLKOUT = 32.768 kHz
TA = 25°C
50 ±10
%
ΔF/F
Frequency accuracy
TA = 25°C, calibration disabled
±10
±20
ppm
ΔF/FTOPR
Frequency vs. temperature
characteristics
TOPR = -40 to +105°C
VDD = 3.0 V
ppm
T0
Turnover temperature
+25 ±5
°C
ΔF/F
Aging first year max.
TA = 25°C, VDD = 3.0 V
±3
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com