Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 10 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 10 Page - Abracon Corporation

Back Button AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation AB-RTC-TN Datasheet HTML 10Page - Abracon Corporation AB-RTC-TN Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 10
Disclaimer
lign
Check Inventory
S
lign
Request Samples
T1: 1,000pcs/reel
T3: 3,000pcs/reel
Tape Specifications (mm)
Width
Ao
Bo
Do
D1 (Min)
E1
F
Ko
12mm
*
*
1.5+0.1/-0.0
1.0
1.75±0.1 5.5±0.05
*
Width
P1
P2
P0
T (Max) T1 (Max) T2 (Max) W (Max)
12mm 4.0±0.1 2.0±0.05
4.0±0.1
0.6
0.1
6.5
12.3
*Note: Compliant to EIA-481
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com