Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 5 Page - Abracon Corporation

  AB-RTC-TN Datasheet HTML 1Page - Abracon Corporation AB-RTC-TN Datasheet HTML 2Page - Abracon Corporation AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 5
Disclaimer
lign
Check Inventory
S
lign
Request Samples
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Inputs
VIH
HIGH level input voltage
VDD = 1.5 V to 5.5 V Pins: SCL,
SDA, CLKOE, EVI
0.8 * VDD
V
VIL
LOW level input voltage
0.2 * VDD
V
ILEAK
Input leakage current
VSS ≤ VI ≤ VDD
TA= -40°C to +105°C
-0.5
0.5
µA
CI
Input capacitance
VDD = 3.0 V, TA = 25°C,
f = 1 MHz
7
pF
Outputs
VOH:CLK
HIGH level output voltage
CLKOUT
VDD = 1.5 V, IOH = 0.1 mA
1.2
V
VDD = 3.0 V, IOH = 1.0 mA
2.5
VDD = 5.0 V, IOH = 1.0 mA
4.5
VOL:CLK
LOW level output voltage
CLKOUT
VDD = 1.5 V, IOH = -0.1 mA
0.2
V
VDD = 3.0 V, IOH = -1.0 mA
0.5
VDD = 5.0 V, IOH = -1.0 mA
0.5
TCKH
CLKOUT enable time(7)
FCLKOUT = 32.768kHz
0
30.5
µs
TCKL
CLKOUT disable time(7)
0
µs
VOL
LOW level output voltage
Pins: SDA, INT
VDD = 1.5 V, IOH = -2.0 mA
-
0.4
V
VDD = 3.0 V, IOH = -3.0 mA
0.4
VDD = 5.0 V, IOH = -3.0 mA
0.3
IOLEAK
Output leakage current
Vo =VDD or VSS, TA=-40°C to
+105°C
-0.5
0.5
µA
COUT
Output capacitance
VDD = 3.0 V, TA = 25°C,
f = 1 MHz
7
pF
DC Characteristics (TA = -40 to +85°C unless otherwise indicated. VDD = 1.5 to 5.5V, fOSC=32.768kHz, TYP values at 25°C and
3.0V)
Note 1:
See also VDD Backup and recovery AC Electrical Characteristics and Parameters in section BACKUP AND RECOVERY.
Note 2:
Clocks operating and RAM and registers retained. Including temperature sensing and compensation.
Note 3:
CLKOUT is held LOW during power on delay tPOR1 and is HIGH during the power on reset duration tPOR2.
Note that between VLOW1 (1.2 V) and VDD MIN (1.5 V), time accuracy specification limits are not guaranteed.
Note 4:
All inputs and outputs are at 0 V or VDD.
Note 5:
2.2k pull-up resistors on SCL/SDA, excluding external peripherals and pull-up resistor current. All other inputs (besides SDA and SCL) are
at 0 V or VDD. Test conditions: Continuous burst read/write, 55h data pattern, 25 μs between each data byte, 20 pF load on each bus pin.
Note 6:
When CLKOUT is enabled (CLKOE is HIGH) the additional VDD supply current ΔIVDD can be calculated as follows: ΔIVDD = CL x VDD x fOUT, e.g.
ΔIVDD = 10 pF x 3.0 V x 32’768 Hz = 980 nA ≈ 1 μA
Note 7:
Also refer to section 32.768 KHZ ENABLE/DISABLE TIMING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com