Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TN Datasheet(PDF) 8 Page - Abracon Corporation

Part # AB-RTC-TN
Description  Ultra-Low Power RTC Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TN Datasheet(HTML) 8 Page - Abracon Corporation

Back Button AB-RTC-TN Datasheet HTML 3Page - Abracon Corporation AB-RTC-TN Datasheet HTML 4Page - Abracon Corporation AB-RTC-TN Datasheet HTML 5Page - Abracon Corporation AB-RTC-TN Datasheet HTML 6Page - Abracon Corporation AB-RTC-TN Datasheet HTML 7Page - Abracon Corporation AB-RTC-TN Datasheet HTML 8Page - Abracon Corporation AB-RTC-TN Datasheet HTML 9Page - Abracon Corporation AB-RTC-TN Datasheet HTML 10Page - Abracon Corporation AB-RTC-TN Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AB-RTC-TN-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 8
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Dimensions: Inches [mm]
Pin #
Function
Description
1
SDA
Serial Data
2
CLKOUT
Clock Output
3
VDD
Power Supply Voltage
4
CLKOE
Clock Output Enable
5
VSS
Ground
6
Interrupt
7
EVI
Event Input
8
SCL
Serial Clock Input
Mechanical Dimensions
Note: Interrupt Output: open-drain; active LOW; requires pull-up resistor when used;
used to output Periodic Countdown Timer, Periodic Time Update, Alarm, External Event,
Automatic Backup Switchover and Power On Reset Interrupt signals. Interrupt output
also in VBACKUP Power state.
Note: I2C Serial Clock Input: requires pull-up resistor. In VBACKUP Power state, the SCL pin
is disabled.
Note: I2C Serial Data Input-Output: open-drain; requires pull-up resistor. In VBACKUP
Power state, the SDA pin is disabled (high impedance).
Note: Backup Supply Voltage: When the backup switchover function is not needed,
VBACKUP must be tied to VSS with a 10 kΩ resistor.
Note: External Event Input: used for interrupt generation, interrupt driven clock output
and time stamp function. Remains active also in VBACKUP Power state. This pin should not
be left floating.
Note: Metal Lid is Connected to Vss (Pin #5)
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com