Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA109X Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 51Page - STMicroelectronics STA109X Datasheet HTML 52Page - STMicroelectronics STA109X Datasheet HTML 53Page - STMicroelectronics STA109X Datasheet HTML 54Page - STMicroelectronics STA109X Datasheet HTML 55Page - STMicroelectronics STA109X Datasheet HTML 56Page - STMicroelectronics STA109X Datasheet HTML 57Page - STMicroelectronics STA109X Datasheet HTML 58Page - STMicroelectronics STA109X Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 127 page
background image
DS13319 Rev 2
55/127
STA108x, STA109x
Electrical Characteristics
126
Warning:
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
4.4
Thermal Characteristics
Devices are available in both Consumer Grade and Automotive Grade
Qualification (AEC-Q100 Grade 3).
VINPUT
SR
Voltage applied to any pin of the
VDD_IO domain
VGND - 0.3
VDD_IO + 0.3
V
SR
Voltage applied to any pin of the
VDD_IO_ON domain
VGND - 0.3
VDD_IO_ON + 0.3
V
SR
Voltage applied to any
SAR ADC2 pin
AGND - 0.3
AVDD + 0.3
V
SR
Voltage applied to any USB pin
(1)
V
VESD-HBM
SR
Electrostatic Discharge, Human
Body Model
2000
V
VESD-CDM
SR
Electrostatic discharge, charge
device model
500
V
1. Voltage, current, impedance on the USB_DP and USB_DN pins should strictly be compliant to the USB 2.0 standard,
including the following engineering charge notice (ECN) issued by the USB Implementers Forum: 5V Short Circuit
Withstand Requirement Change ECN.
Table 18. Voltage Characteristics (continued)
Symbol
Parameter
Limit Values
Unit
Min
Max
Table 19. Thermal Characteristics
Symbol
Parameter
Limit values
Unit
Min
Max
Toper
SR Operative ambient temperature
-40
+85
°C
Tj
SR Operative junction temperature
-40
+125
°C
Tst
SR Storage temperature
-55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com