Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA109X Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 72Page - STMicroelectronics STA109X Datasheet HTML 73Page - STMicroelectronics STA109X Datasheet HTML 74Page - STMicroelectronics STA109X Datasheet HTML 75Page - STMicroelectronics STA109X Datasheet HTML 76Page - STMicroelectronics STA109X Datasheet HTML 77Page - STMicroelectronics STA109X Datasheet HTML 78Page - STMicroelectronics STA109X Datasheet HTML 79Page - STMicroelectronics STA109X Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
76/127
DS13319 Rev 2
Figure 16. Wake Up (without VDDOK)
Table 42. Wake Up Timings (without VDDOK)
Note:
For the Wake-Up sequence without VDDOK see Figure 16.
Symbol
Parameter
Timing
Unit
Min.
Max.
t1
SR
PWREN to last voltage stable
-
174(1)
1. This value is programmable in the Power Management Unit. By default, at POR, is set to the maximum of
174 ms.
ms
t2
SR
Last voltage stable to LVI(2)
2. The LVI signal has effect during the boot only if the LVIEn bit is set.
If the LVIEn bit is set, the t4 timing, if respected, is the minimum timing that ensures that the PMU FSM
reaches the ON state.
If the LVIEn bit is set and an LVI event occurs before the timing t2, the PMU FSM directly moves back to
the STAND-By state without reaching the ON state.
8000+2
-
µs
t3
SR
Last Voltage Stable to SYSRTSn
> 0
-
µs
VDDIO_ON
VDD_ON_VREG
VDD
VDD_IO
PWREN
wake up event
SYSRSTn (optional)
See Figure 12
t1
t2
LVI (if enabled)
t3
VDDOK (High)
tSYSSRSTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com