Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA109X Datasheet(PDF) 68 Page - STMicroelectronics

Part # STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 64Page - STMicroelectronics STA109X Datasheet HTML 65Page - STMicroelectronics STA109X Datasheet HTML 66Page - STMicroelectronics STA109X Datasheet HTML 67Page - STMicroelectronics STA109X Datasheet HTML 68Page - STMicroelectronics STA109X Datasheet HTML 69Page - STMicroelectronics STA109X Datasheet HTML 70Page - STMicroelectronics STA109X Datasheet HTML 71Page - STMicroelectronics STA109X Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
68/127
DS13319 Rev 2
4.9
ADC2: SAR ADC Electrical Characteristics
Table 31. ADC Conversion Characteristics
Symbol
Parameter
Conditions(1)
1. VDD = 3.3 V, TJ = –40 to +125 °C, unless otherwise specified and analog input voltage from VAGND to VAREF.
Min
Typ
Max
Unit
VREFE
SR External reference voltage(2)
2. VREFP <= VDDA + 25 mV.
-3.0
3.3
3.6
V
RREFE
S External reference input impedance
-
75
-
-
k
VREFI
V Internal reference voltage
-
1.95
2.0
2.05
V
tSTART
S Start-up time
From Enable to first
EOC
--
10
µs
fCK
SR
ADC Clock frequency (depends on
system configuration)
-4
-
13
MHz
fs
SR Sampling + conversion cycle
-
-
14
-
cycle
INL
P Integral non linearity
-
-2
-
2
LSB
DNL
P Differential non linearity(3)
3. No missing codes.
--1
-
1
LSB
OFS
P Offset error
-
-5
-
5
LSB
GNE
P Gain error
-
-2
-
2
LSB
TUE
P Total unadjusted error
Without current
injection
-6
-
6
LSB
IINJ
V Max positive/negative injection(4)
4. Maximum current injection without ADC performance degradation.
-–3
-
3
mA
SNR
V Signal-to-noise ratio
-
58
-
-
dB
THD
V Total harmonic distortion
-
63
-
-
dB
SINAD
V Signal-to-noise and distortion
-
58
-
-
dB
ENOB
V Effective number of bits
-
9.4
-
-
bits
ISAM
S
Average sampling current drawn from
input source
--
5
-
A/M
sps
Rinout
S Input impedance of each channel
-
-
1
-
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com