Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA109X Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 13Page - STMicroelectronics STA109X Datasheet HTML 14Page - STMicroelectronics STA109X Datasheet HTML 15Page - STMicroelectronics STA109X Datasheet HTML 16Page - STMicroelectronics STA109X Datasheet HTML 17Page - STMicroelectronics STA109X Datasheet HTML 18Page - STMicroelectronics STA109X Datasheet HTML 19Page - STMicroelectronics STA109X Datasheet HTML 20Page - STMicroelectronics STA109X Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
DS13319 Rev 2
17/127
STA108x, STA109x
System description
126
2.12
Watchdog and timers
Cortex-R4 has:
2x MTU timers each providing access to four programmable 32-bit Free-Running
decrementing Counters (FRCs)
1x Watchdog (WDT) unit that provides a way to recover from software crashes.
1x RTC counter clocked with 32 KHz Oscillator.
Cortex-M3 has:
1x MTU timers providing access to four programmable 32-bit Free-Running
decrementing Counters (FRCs)
1x Watchdog (WDT) unit that provides a way to recover from software crashes.
2.13
Power modes
Accordo2 supports the following power modes:
Normal
Software Standby
Deep Standby
Power Off
The SoC requires three power lines for internal logic (excluding analog block power lines),
which are identified as:
3V3 standby
3V3 IOs, switchable
1V2 Core, switchable
In each power state, the SoC is permanently protected from Voltage drops by means of a
brownout logic, which would trigger a system reset in case a low voltage condition is
detected.
The following table summarizes the condition of each Accordo2 power state.
Table 2. Summarized conditions of each Accordo2 power state
Power Mode
3V3 Standby
3V3 IO
1V2 Core
Analog
Clocks
RTC
Wake
Modes
Normal
ON
ON
ON
ON
Active
Active
N.A.
Soft Standby
ON
ON
ON
ON
Gated
Active
IRQ
Deep Standby
ON
OFF
OFF
OFF
OFF
Optional
WAKE
Lines
Power Off
OFF
OFF
OFF
OFF
OFF
OFF
PowerOn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com