Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA109X Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 37Page - STMicroelectronics STA109X Datasheet HTML 38Page - STMicroelectronics STA109X Datasheet HTML 39Page - STMicroelectronics STA109X Datasheet HTML 40Page - STMicroelectronics STA109X Datasheet HTML 41Page - STMicroelectronics STA109X Datasheet HTML 42Page - STMicroelectronics STA109X Datasheet HTML 43Page - STMicroelectronics STA109X Datasheet HTML 44Page - STMicroelectronics STA109X Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 127 page
background image
DS13319 Rev 2
41/127
STA108x, STA109x
Signal description
126
JTAG1_TMS
GPIO107(1)
S_GPIO2
T11
C5
I
VDD_IO
JTAG1. Test Mode Select.
This is an optional JTAG interface, not enabled
by default. If enabled, it connects to Cortex-R4
only and allows the parallel debugging of the
Cortex-R4 and Cortex-M3 processors without
chaining them but using two separate JTAG
interfaces. If JTAG1 is not enabled, the debug
interface is controlled through the JTAG
dedicated interface only.
JTAG1_TRSTn
GPIO108(1)
S_GPIO3
R11
A5
I
VDD_IO
JTAG1. Test Reset not.
This is an optional JTAG interface, not enabled
by default. If enabled, it connects to Cortex-R4
only and allows the parallel debugging of the
Cortex-R4 and Cortex-M3 processors without
chaining them but using two separate JTAG
interfaces. If JTAG1 is not enabled, the debug
interface is controlled through the JTAG
dedicated interface only.
1. Only available on STA109x.
Table 15. Debug signals (continued)
Name
GPIOs
Balls
DIR
Power
Domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com