Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA109X Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 11Page - STMicroelectronics STA109X Datasheet HTML 12Page - STMicroelectronics STA109X Datasheet HTML 13Page - STMicroelectronics STA109X Datasheet HTML 14Page - STMicroelectronics STA109X Datasheet HTML 15Page - STMicroelectronics STA109X Datasheet HTML 16Page - STMicroelectronics STA109X Datasheet HTML 17Page - STMicroelectronics STA109X Datasheet HTML 18Page - STMicroelectronics STA109X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 127 page
background image
DS13319 Rev 2
15/127
STA108x, STA109x
System description
126
2.7
Embedded isolated vehicle interface subsystem
Accordo2 allows isolating critical code from the main application by implementing a
dedicated subsystem based on ARM Cortex-M3, along with:
256 KB dedicated embedded SRAM
Interrupt controller
timers
CAN controller
Dedicated GPIOs
Dedicated Wakeup lines
Back-up RAM in always on domain
Local RTC
In order to guarantee the security of CAN network, all of the above can be completely
isolated from the rest of the system, in such a way that no application running on Cortex-R4
can access CAN specific resources by any means (STA10x5). This subsystem can also be
dedicated to implement secure features, such as boot authentication, as well as interrupt
intensive tasks to offload main CPU. The secure subsystem communicates with the
application running on Cortex-R4 using a Hardware Mailbox interrupt based mechanism.
Figure 3. Vehicle Interface subsystem isolation
PERIPHERALS
MEMORY
NVM
CSS
SQI
FSMC
SDRAM
SECURITY
CONFIG
REGISTERS
GPIO_S
RTC
CortexR4
eSRAM0
eSRAM0
B3
B2
B1
B0
B3
B2
B1
B0
CS0
B0
CAN1
Cortex-M3
I2C0
REGS
v
CS0
CS0
CS1
CS1
UART0
UART0
EFT3
EFT4
GAPGPS02787



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com