Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  DTM13-12PA-12PB-R008 Datasheet HTML 1Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 2Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 3Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A
STEP
AHEAD
50
Printed Circuit Board Connectors
Printed Circuit Board Overview
Deutsch Industrial printed circuit board or PCB connectors are heavy duty environmentally sealed connectors designed for
wire-to-circuit board connections. Deutsch PCB connectors are built to maintain the integrity and continuity of data and
power signals in harsh environments. Developed and designed for heavy duty electronically equipped vehicles, Deutsch
Industrial printed circuit board connections use standard Deutsch connector bodies and will withstand dust, dirt, moisture,
and vibration.
Available in a variety of styles from several different connector families, Deutsch printed circuit board connectors cover a
range of pin counts from 2 to 80 and wire gauges from 10 to 22. Many of the connectors are available in straight, 90°, or
solder pot options.
Deutsch PCB connectors mate with standard Deutsch plugs. With integral silicone wire seals and molded-in contacts that
do not require potting or epoxy sealant, Deutsch PCB connectors are sealed, reliable, and easy to install.
DRC Series
•
24, 40, 50, 60, 64, 70, 76, and 80 cavity arrange-
ments
•
Mating connectors accept 14-22 AWG
DT Family
•
DT Series 2, 3, 4, 6, 8, and 12 cavity arrangements
•
DT Series mating connectors accept 14-20 AWG
•
DT Series flangeless options available
•
DTM Series 8, 12, and 48 cavity arrangements
•
DTM Series mating connectors accept 16-22 AWG
•
DTM Series flangeless 48 way option
•
DTP Series 4 cavity arrangement
•
DTP Series mating connectors accept 10-14 AWG
•
Some arrangements of the DT and DTM Series are
available with A, B, C, and D keying options
HD10 Series
•
6 and 9 cavity arrangements
•
Mating connectors accept 14-20 AWG
STRIKE Series
•
32 cavity arrangement
•
Mating connectors accept 14-22 AWG
EEC Enclosure and Flange Receptacle
•
DT Series header 12, 24, 36, and 48 cavity ar-
rangements
•
DT Series mating connectors accept 14-20 AWG
•
DTM Series header 12 and 24 cavity arrangements
•
DTM Series mating connectors accept 16-22 AWG
•
Some arrangements of the DT and DTM Series are
available with A, B, C, and D keying options
 Printed Circuit Board Connector Options
By fixing the connectors to the
board prior to soldering, pressure
can be greatly reduced at the
solder joint.
helpful
helpful
hint
hint
Jiffy Splices
accept one
pin and one
socket.
Note
all.
Jiffy Splices
accept one
pin and one
socket.
Note
N t
Note
See individual
series sections for
part numbering
system.
Notice
Notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com