Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 10Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 11Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
A
STEP
AHEAD
57
Printed Circuit Board Connectors
 DT PCB Enclosure
Material
Housing: Thermoplastic
Board Size
5” X 6.50”
Venting*
A: With vent hole
B: Without vent hole
EEC-5X650*
EEC 5X650*
 DT Header Connector
Materials
Contacts: Molded-in tin (gold optional -
consult factory)
Mating Plugs
12 Pin: DT06-12S*
24 Pin: (2) DT06-12S*
36 Pin: (3) DT06-12S*
48 Pin: (4) DT06-12S*
Modifications
GR02: DT Series snap-in header with
gold plated pins
R015: DT Series snap-in header
DT13-12PA-R015
12 size 16
A
DT13-24PAB-R015
(2) 12 size 16
A, B
DT13-36PABC-R015
(3) 12 size 16
A, B, C
DT13-48PABCD-R015
(4) 12 size 16
A, B, C, D
DT13-48PABCD-R015
DT13 12PA R015
DT13-24PAB-R015
DT13-36PABC-R015
DT Series Enclosure with Header
Overall Length
A
Overall Height
B
Overall Width
C
7.93 (201.30)
2.15 (54.63)
6.30 (160.00)
Dimensions are for reference only.
 DT Series Enclosure and Header Dimensions
B
A
C
A
C
Jiffy Splices
accept one
pin and one
socket.
Note
B, C, D
Jiffy Splices
accept one
pin and one
socket.
Note
Note
Keying position of
receptacle must
match keying
position of mating
plug(s).
Notice
Notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com