Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 10Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 11Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
A
STEP
AHEAD
56
Printed Circuit Board Connectors
Printed Circuit Board Enclosures and Headers
Deutsch Industrial offers compact circuit board enclosures that accept snap-in headers. The enclosure features a through
hole mounting flange on each side, as well as optional venting. Designed with space to accommodate one or more DT or
DTM Series interfaces, the headers feature 90° pins. A radial flange seal provides environmental sealing to the enclosure.
The headers mate with the DT and DTM standard plugs.
DTM Series Enclosure with Header
Overall Length
A
Overall Height
B
Overall Width
C
5.24 (133.03)
1.42 (36.00)
4.68 (118.80)
Dimensions are for reference only.
 DTM Series Enclosure and Header Dimensions
A
B
C
A
C
 DTM PCB Enclosure
Material
Housing: Thermoplastic
Board Size
3.25” X 4”
Venting*
A: With vent hole
B: Without vent hole
Modifications
E016: Molded in clear Ultem® material
EEC-325X4*
EEC-325X4*-E016
EEC 325X4* E016
EEC 325X4*
 DTM Header Connector
Materials
Contacts: Molded-in nickel mating side,
tin plated PCB side
Mating Plugs
12 Pin: DTM06-12S*
24 Pin: (2) DTM06-12S*
Modifications
GR01: DTM Series snap-in header with
gold plated pins
R008: DTM Series snap-in header
DTM13-12P*-****
12 size 20
A, B, C, D
DTM13-12PA-12PB-****
(2) 12 size 20
A, B
DTM13-12PC-12PD-****
(2) 12 size 20
C, D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com