Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  DTM13-12PA-12PB-R008 Datasheet HTML 1Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 2Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 3Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A
STEP
AHEAD
53
Printed Circuit Board Connectors
 DT13/15 Series 90° or Straight
DT1*-6P
6 size 16
DT1*-2P
2 size 16
DT1*-4P
4 size 16
DT1*-08P*
8 size 16
A, B, C, D
DT1*-12P*
12 size 16
A, B, C, D
 DTM13/15 Series 90° or Straight
DTM1*-12P*
12 size 20
A, B, C, D
 DTP10 Series Straight
DTP10-4P
4 size 12
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy, tin
plated (gold optional - consult factory)
Mounting Seal: Silicone rubber
Mating Plugs
2 Pin: DT06-2S
4 Pin: DT06-4S
6 Pin: DT06-6S
8 Pin: DT06-8S*
12 Pin: DT06-12S*
Modifications
B016: Extended shell and additional keys
G003: Gold plated pins
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy, tin
plated (gold optional - consult factory)
Mounting Seal: Silicone rubber
Mating Plugs
12 Pin: DTM06-12S*
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy, tin
plated
Mounting Seal: Silicone rubber
Mating Plugs
4 Pin: DTP06-4S
DT13
DTM13
DTM15
DT15
Jiffy Splices
accept one
pin and one
socket.
Note
Jiffy Splices
accept one
pin and one
socket.
Note
Note
Camcar thread
forming screws
are recommended.
See drawing.
Notice
Notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com